Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DPO4USB Datasheet(PDF) 38 Page - TEKTRONIX, INC.

Part # DPO4USB
Description  Mixed Domain Oscilloscopes
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEKTRONIX [TEKTRONIX, INC.]
Direct Link  https://www.tek.com/
Logo TEKTRONIX - TEKTRONIX, INC.

DPO4USB Datasheet(HTML) 38 Page - TEKTRONIX, INC.

Back Button DPO4USB Datasheet HTML 34Page - TEKTRONIX, INC. DPO4USB Datasheet HTML 35Page - TEKTRONIX, INC. DPO4USB Datasheet HTML 36Page - TEKTRONIX, INC. DPO4USB Datasheet HTML 37Page - TEKTRONIX, INC. DPO4USB Datasheet HTML 38Page - TEKTRONIX, INC. DPO4USB Datasheet HTML 39Page - TEKTRONIX, INC. DPO4USB Datasheet HTML 40Page - TEKTRONIX, INC. DPO4USB Datasheet HTML 41Page - TEKTRONIX, INC. DPO4USB Datasheet HTML 42Page - TEKTRONIX, INC. Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 46 page
background image
Ordering information
Step 1 Choose the MDO4000C base model
MDO4000C family
MDO4024C
Mixed Domain Oscilloscope with (4) 200 MHz analog channels
MDO4034C
Mixed Domain Oscilloscope with (4) 350 MHz analog channels
MDO4054C
Mixed Domain Oscilloscope with (4) 500 MHz analog channels
MDO4104C
Mixed Domain Oscilloscope with (4) 1 GHz analog channels
Standard accessories
Probes
≤ 500 MHz models
TPP0500B, 500 MHz bandwidth, 10X, 3.9 pF. One passive voltage probe per analog channel.
1 GHz models
TPP1000, 1 GHz bandwidth, 10X, 3.9 pF. One passive voltage probe per analog channel.
Any model with MDO4MSO option One P6616 16-channel logic probe and a logic probe accessory kit (020-2662-xx).
Accessories
200-5130-xx
Front cover
016-2030-xx
Accessory bag
071-3448-xx
Installation and Safety Instructions, printed manual (translated in English, French, Japanese, and Simplified Chinese); other
product manuals are available for download at www.tek.com/manual/downloads
-
Power cord
-
OpenChoice® Desktop Software (available on the Documentation CD and for download from www.tek.com/software/downloads.)
-
Calibration certificate documenting traceability to National Metrology Institute(s) and ISO9001 quality system registration
103-0045-xx models with option
SA3 or SA6
N-to-BNC adapter
Warranty
Three-year warranty covering all parts and labor on the MDO4000C instrument. One-year warranty covering parts and labor on included probes.
Datasheet
38 www.tek.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com