Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DPO4USB Datasheet(PDF) 43 Page - TEKTRONIX, INC.

Part # DPO4USB
Description  Mixed Domain Oscilloscopes
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEKTRONIX [TEKTRONIX, INC.]
Direct Link  https://www.tek.com/
Logo TEKTRONIX - TEKTRONIX, INC.

DPO4USB Datasheet(HTML) 43 Page - TEKTRONIX, INC.

Back Button DPO4USB Datasheet HTML 38Page - TEKTRONIX, INC. DPO4USB Datasheet HTML 39Page - TEKTRONIX, INC. DPO4USB Datasheet HTML 40Page - TEKTRONIX, INC. DPO4USB Datasheet HTML 41Page - TEKTRONIX, INC. DPO4USB Datasheet HTML 42Page - TEKTRONIX, INC. DPO4USB Datasheet HTML 43Page - TEKTRONIX, INC. DPO4USB Datasheet HTML 44Page - TEKTRONIX, INC. DPO4USB Datasheet HTML 45Page - TEKTRONIX, INC. DPO4USB Datasheet HTML 46Page - TEKTRONIX, INC.  
Zoom Inzoom in Zoom Outzoom out
 43 / 46 page
background image
Step 4 Add instrument upgrades in the future
Instrument upgrades
The MDO4000C Series products offer a number of ways to add functionality after the initial purchase. Listed below are the various product upgrades available and the method
of upgrade used for each product.
Free instrument options
The following options are available free of charge when the MDO4000C product is registered at www.tek.com/mdo4register.
Digital Voltmeter and
Frequency Counter
4-digit ACrms, DC, AC+DCrms voltage measurements and 5-digit frequency counter. Unique software option key provided upon
instrument registration enables the features.
Post-purchase instrument options The following products are sold as stand-alone products and can be purchased at any time to add functionality to any MDO4000C
product.
MDO4AFG
Add arbitrary function generator to any MDO4000C Series product.
One-time, permanent upgrade to any model enabled through single-use application module hardware key. The hardware key is
used to enable the feature and then is not required for future use.
MDO4MSO
Add 16 digital channels; includes P6616 digital probe and accessories .
One-time, permanent upgrade to any model enabled through single-use application module hardware key. The hardware key is
used to enable the feature and then is not required for future use.
MDO4SA3
Add integrated spectrum analyzer with input frequency range of 9 kHz – 3 GHz .
One-time, permanent upgrade to any model. This upgrade requires installation at a Tektronix service center and requires an
instrument calibration.
MDO4SA6
Add integrated spectrum analyzer with input frequency range of 9 kHz – 6 GHz.
One-time, permanent upgrade to any model. This upgrade requires installation at a Tektronix service center and requires an
instrument calibration.
MDO4SEC
Add enhanced instrument security to enable password protected control of turning on/off all instrument ports and instrument
firmware update functionality.
One-time, permanent upgrade to any model enabled through software option key. Software option key products require that the
instrument model and serial number be provided at the time of purchase. The software option key is specific to the model and
serial number combination.
Spectrum analyzer upgrade
options
The spectrum analyzer maximum input frequency range can be upgraded from 3 GHz to 6 GHz. This upgrade requires installation
at a Tektronix service center and requires an instrument calibration. (Spectrum analyzer upgrades and instrument calibrations will
appear as separate order line items. An optional incoming calibration is available upon request.)
MDO4SA3T6
3 GHz to 6 GHz spectrum analyzer upgrade for MDO4000C.
Post-purchase service products
The following upgrades can be added to any model to extend the product warranty beyond the standard warranty period.
MDO4024C-R5DW
Repair service coverage 5 years for a MDO4024C product (includes product warranty period).
MDO4034C-R5DW
Repair service coverage 5 years for a MDO4034C product (includes product warranty period).
MDO4054C-R5DW
Repair service coverage 5 years for a MDO4054C product (includes product warranty period).
MDO4104C-R5DW
Repair service coverage 5 years for a MDO4104C product (includes product warranty period).
MDO4000CT3
Three year total protection plan ensures that your equipment remains like-new regardless of what happens. Available for 30-days
after the initial purchase of the instrument.
MDO4000CT5
Five year total protection plan ensures that your equipment remains like-new regardless of what happens. Available for 30-days
after the initial purchase of the instrument.
MDO4000C Series Oscilloscope
www.tek.com 43



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com