Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DPO4USB Datasheet(PDF) 35 Page - TEKTRONIX, INC.

Part # DPO4USB
Description  Mixed Domain Oscilloscopes
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEKTRONIX [TEKTRONIX, INC.]
Direct Link  https://www.tek.com/
Logo TEKTRONIX - TEKTRONIX, INC.

DPO4USB Datasheet(HTML) 35 Page - TEKTRONIX, INC.

Back Button DPO4USB Datasheet HTML 31Page - TEKTRONIX, INC. DPO4USB Datasheet HTML 32Page - TEKTRONIX, INC. DPO4USB Datasheet HTML 33Page - TEKTRONIX, INC. DPO4USB Datasheet HTML 34Page - TEKTRONIX, INC. DPO4USB Datasheet HTML 35Page - TEKTRONIX, INC. DPO4USB Datasheet HTML 36Page - TEKTRONIX, INC. DPO4USB Datasheet HTML 37Page - TEKTRONIX, INC. DPO4USB Datasheet HTML 38Page - TEKTRONIX, INC. DPO4USB Datasheet HTML 39Page - TEKTRONIX, INC. Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 46 page
background image
Input-output ports
USB 2.0 high-speed host port
Supports USB mass storage devices and keyboard. Two ports on front and two ports on rear of instrument.
USB 2.0 device port
Rear-panel connector allows for communication/control of oscilloscope through USBTMC or GPIB (with a TEK-USB-488), and
direct printing to all PictBridge-compatible printers.
Printing
Print PictBridge printer or to a printer that supports e-mail printing. Note: This product includes software developed by the
OpenSSL Project for use in the OpenSSL Toolkit. (http://www.openssl.org/)
LAN port
RJ-45 connector, supports 10/100/1000 Mb/s
Video out port
DB-15 female connector, connect to show the oscilloscope display on an external monitor or projector. XGA resolution.
Probe compenstor output voltage
and frequency
Front-panel pins
Amplitude
0 to 2.5 V
Frequency
1 kHz
Auxiliary out
Rear-panel BNC connector
VOUT (Hi): ≥2.5 V open circuit, ≥1.0 V 50 Ω to ground
VOUT (Lo): ≤0.7 V into a load of ≤4 mA; ≤0.25 V 50 Ω to ground
Output can be configured to provide a pulse out signal when the oscilloscope triggers, the internal oscilloscope reference clock
out, or an event out for limit/mask testing.
External reference input
Time-base system can phase lock to an external 10 MHz reference (10 MHz ±1%)
Kensington-style lock
Rear-panel security slot connects to standard Kensington-style lock.
VESA mount
Standard (MIS-D 100) 100 mm VESA mounting points on rear of instrument.
LAN eXtensions for Instrumentation (LXI)
Class
LXI Core 2011
Version
V1.4
MDO4000C Series Oscilloscope
www.tek.com 35



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com