| Electronic Components Datasheet Search |
|
PCI6621 Datasheet(PDF) 36 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
PCI6621 Datasheet(HTML) 36 Page - Texas Instruments |
|
36 / 204 page ![]() 2−16 Table 2−7. PCI Address and Data Terminals Internal pullup/pulldown resistors and pin strapping are not applicable for the PCI address and data terminals. TERMINAL DESCRIPTION I/O INPUT OUTPUT POWER NAME NO. DESCRIPTION I/O TYPE INPUT OUTPUT POWER RAIL AD31 AD30 AD29 AD28 AD27 AD26 AD25 AD24 AD23 AD22 AD21 AD20 AD19 AD18 AD17 AD16 AD15 AD14 AD13 AD12 AD11 AD10 AD9 AD8 AD7 AD6 AD5 AD4 AD3 AD2 AD1 AD0 U02 V01 V02 U03 W02 V03 U04 V04 V05 U05 R06 P06 W06 V06 U06 R07 V09 U09 R09 N09 V10 U10 R10 N10 V11 U11 R11 W12 V12 U12 N11 W13 PCI address/data bus. These signals make up the multiplexed PCI address and data bus on the primary interface. During the address phase of a primary-bus PCI cycle, AD31−AD0 contain a 32-bit address or other destination information. During the data phase, AD31−AD0 contain data. I/O PCII3 PCIO3 VCCP C/BE3 C/BE2 C/BE1 C/BE0 W04 W07 W09 W11 PCI-bus commands and byte enables. These signals are multiplexed on the same PCI terminals. During the address phase of a primary-bus PCI cycle, C/BE3−C/BE0 define the bus command. During the data phase, this 4-bit bus is used as byte enables. The byte enables determine which byte paths of the full 32-bit data bus carry meaningful data. C/BE0 applies to byte 0 (AD7−AD0), C/BE1 applies to byte 1 (AD15−AD8), C/BE2 applies to byte 2 (AD23−AD16), and C/BE3 applies to byte 3 (AD31−AD24). I/O PCII3 PCIO3 VCCP PAR P09 PCI-bus parity. In all PCI-bus read and write cycles, the controller calculates even parity across the AD31−AD0 and C/BE3−C/BE0 buses. As an initiator during PCI cycles, the controller outputs this parity indicator with a one-PCLK delay. As a target during PCI cycles, the controller compares its calculated parity to the parity indicator of the initiator. A compare error results in the assertion of a parity error (PERR). I/O PCII3 PCIO3 VCCP |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |