Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCI6621 Datasheet(PDF) 80 Page - Texas Instruments

Part # PCI6621
Description  DUAL/SINGLE SOCKET CARDBUS AND ULTRAMEDIA CONTROLLER
PDF  204 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCI6621 Datasheet(HTML) 80 Page - Texas Instruments

Back Button PCI6621 Datasheet HTML 76Page - Texas Instruments PCI6621 Datasheet HTML 77Page - Texas Instruments PCI6621 Datasheet HTML 78Page - Texas Instruments PCI6621 Datasheet HTML 79Page - Texas Instruments PCI6621 Datasheet HTML 80Page - Texas Instruments PCI6621 Datasheet HTML 81Page - Texas Instruments PCI6621 Datasheet HTML 82Page - Texas Instruments PCI6621 Datasheet HTML 83Page - Texas Instruments PCI6621 Datasheet HTML 84Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 204 page
background image
4−4
4.4
Command Register
The PCI command register provides control over the PCI6x21/PCI6x11 interface to the PCI bus. All bit functions
adhere to the definitions in the PCI Local Bus Specification (see Table 4−3). None of the bit functions in this register
are shared among the PCI6x21/PCI6x11 PCI functions. Three command registers exist in the PCI6x21/PCI6x11
controller, one for each function. Software manipulates the PCI6x21/PCI6x11 functions as separate entities when
enabling functionality through the command register. The SERR_EN and PERR_EN enable bits in this register are
internally wired OR between the three functions, and these control bits appear to software to be separate for each
function.
Bit
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Name
Command
Type
R
R
R
R
R
RW
R
RW
R
RW
RW
R
R
RW
RW
RW
Default
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
Register:
Command
Offset:
04h
Type:
Read-only, Read/Write
Default:
0000h
Table 4−3. Command Register Description
BIT
SIGNAL
TYPE
FUNCTION
15−11
RSVD
R
Reserved. Bits 15−11 return 0s when read.
10
INT_DISABLE
RW
INTx disable. When set to 1, this bit disables the function from asserting interrupts on the INTx signals.
0 = INTx assertion is enabled (default)
1 = INTx assertion is disabled
9
FBB_EN
R
Fast back-to-back enable. The PCI6x21/PCI6x11 controller does not generate fast back-to-back
transactions; therefore, this bit is read-only. This bit returns a 0 when read.
8
SERR_EN
RW
System error (SERR) enable. This bit controls the enable for the SERR driver on the PCI interface. SERR
can be asserted after detecting an address parity error on the PCI bus. Both this bit and bit 6 must be set
for the PCI6x21/PCI6x11 controller to report address parity errors.
0 = Disables the SERR output driver (default)
1 = Enables the SERR output driver
7
RSVD
R
Reserved. Bit 7 returns 0 when read.
6
PERR_EN
RW
Parity error response enable. This bit controls the PCI6x21/PCI6x11 response to parity errors through the
PERR signal. Data parity errors are indicated by asserting PERR, while address parity errors are indicated
by asserting SERR.
0 = PCI6x21/PCI6x11 controller ignores detected parity errors (default).
1 = PCI6x21/PCI6x11 controller responds to detected parity errors.
5
VGA_EN
RW
VGA palette snoop. When set to 1, palette snooping is enabled (i.e., the PCI6x21/PCI6x11 controller does
not respond to palette register writes and snoops the data). When the bit is 0, the PCI6x21/PCI6x11
controller treats all palette accesses like all other accesses.
4
MWI_EN
R
Memory write-and-invalidate enable. This bit controls whether a PCI initiator device can generate memory
write-and-invalidate commands. The PCI6x21/PCI6x11 controller does not support memory
write-and-invalidate commands, it uses memory write commands instead; therefore, this bit is hardwired
to 0. This bit returns 0 when read. Writes to this bit have no effect.
3
SPECIAL
R
Special cycles. This bit controls whether or not a PCI device ignores PCI special cycles. The
PCI6x21/PCI6x11 controller does not respond to special cycle operations; therefore, this bit is hardwired
to 0. This bit returns 0 when read. Writes to this bit have no effect.
2
MAST_EN
RW
Bus master control. This bit controls whether or not the PCI6x21/PCI6x11 controller can act as a PCI bus
initiator (master). The PCI6x21/PCI6x11 controller can take control of the PCI bus only when this bit is set.
0 = Disables the PCI6x21/PCI6x11 ability to generate PCI bus accesses (default)
1 = Enables the PCI6x21/PCI6x11 ability to generate PCI bus accesses



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com