| Electronic Components Datasheet Search |
|
PCI6621 Datasheet(PDF) 43 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
PCI6621 Datasheet(HTML) 43 Page - Texas Instruments |
|
43 / 204 page ![]() 2−23 Table 2−13. CardBus PC Card Address and Data Terminals External components are not applicable for the 16-bit PC Card address and data terminals. If any CardBus PC Card address and data terminal is unused, then the terminal may be left floating. SKT A TERMINAL SKT B TERMINAL† DESCRIPTION I/O INPUT OUTPUT POWER NAME NO. NAME NO. DESCRIPTION I/O TYPE INPUT OUTPUT POWER RAIL A_CAD31 A_CAD30 A_CAD29 A_CAD28 A_CAD27 A_CAD26 A_CAD25 A_CAD24 A_CAD23 A_CAD22 A_CAD21 A_CAD20 A_CAD19 A_CAD18 A_CAD17 A_CAD16 A_CAD15 A_CAD14 A_CAD13 A_CAD12 A_CAD11 A_CAD10 A_CAD9 A_CAD8 A_CAD7 A_CAD6 A_CAD5 A_CAD4 A_CAD3 A_CAD2 A_CAD1 A_CAD0 D01 C01 D03 C02 B01 B04 A04 E06 B05 C06 B06 G09 C07 B07 A07 A10 E11 G11 C11 B11 C12 B12 A12 E12 C13 F12 A13 C14 E13 A14 B14 E14 B_CAD31 B_CAD30 B_CAD29 B_CAD28 B_CAD27 B_CAD26 B_CAD25 B_CAD24 B_CAD23 B_CAD22 B_CAD21 B_CAD20 B_CAD19 B_CAD18 B_CAD17 B_CAD16 B_CAD15 B_CAD14 B_CAD13 B_CAD12 B_CAD11 B_CAD10 B_CAD9 B_CAD8 B_CAD7 B_CAD6 B_CAD5 B_CAD4 B_CAD3 B_CAD2 B_CAD1 B_CAD0 B15 A16 B16 A17 C16 D17 C19 D18 E17 E19 G15 F18 H14 H15 G17 K17 L13 K18 L15 L17 L18 L19 M17 M14 M15 N19 N18 N15 M13 P18 P17 P19 CardBus address and data. These signals make up the multiplexed CardBus address and data bus on the CardBus interface. During the address phase of a CardBus cycle, CAD31−CAD0 contain a 32-bit address. During the data phase of a CardBus cycle, CAD31−CAD0 contain data. CAD31 is the most significant bit. I/O PCII7 PCIO7 VCCA/ VCCB A_CC/BE3 A_CC/BE2 A_CC/BE1 A_CC/BE0 C05 F09 B10 G12 B_CC/BE3 B_CC/BE2 B_CC/BE1 B_CC/BE0 F15 G18 K14 M18 CardBus bus commands and byte enables. CC/BE3−CC/BE0 are multiplexed on the same CardBus terminals. During the address phase of a CardBus cycle, CC/BE3−CC/BE0 define the bus command. During the data phase, this 4-bit bus is used as byte enables. The byte enables determine which byte paths of the full 32-bit data bus carry meaningful data. CC/BE0 applies to byte 0 (CAD7−CAD0), CC/BE1 applies to byte 1 (CAD15−CAD8), CC/BE2 applies to byte 2 (CAD23−CAD16), and CC/BE3 applies to byte 3 (CAD31−CAD24). I/O PCII7 PCIO7 VCCA/ VCCB A_CPAR G10 B_CPAR K13 CardBus parity. In all CardBus read and write cycles, the controller calculates even parity across the CAD and CC/BE buses. As an initiator during CardBus cycles, the controller outputs CPAR with a one-CCLK delay. As a target during CardBus cycles, the controller compares its calculated parity to the parity indicator of the initiator; a compare error results in a parity error assertion. I/O PCII7 PCIO7 VCCA/ VCCB † These terminals are reserved for the PCI6611 and PCI6411 controllers. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |