Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CYM9260 Datasheet(PDF) 4 Page - Cypress Semiconductor

Part # CYM9260
Description  64K(128K, 256K, 512K) x 72 SRAM Module
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CYM9260 Datasheet(HTML) 4 Page - Cypress Semiconductor

  CYM9260 Datasheet HTML 1Page - Cypress Semiconductor CYM9260 Datasheet HTML 2Page - Cypress Semiconductor CYM9260 Datasheet HTML 3Page - Cypress Semiconductor CYM9260 Datasheet HTML 4Page - Cypress Semiconductor CYM9260 Datasheet HTML 5Page - Cypress Semiconductor CYM9260 Datasheet HTML 6Page - Cypress Semiconductor CYM9260 Datasheet HTML 7Page - Cypress Semiconductor CYM9260 Datasheet HTML 8Page - Cypress Semiconductor CYM9260 Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
CYM9260
CYM9261B
CYM9262A
CYM9263
Document #: 38-05002 Rev. **
Page 4 of 12
Pin Configuration
Top View
Dual Read-Out SIMM (DIMM)
10
9
5
6
7
8
4
1
2
GND
VCC3
3
90
89
85
86
87
88
20
19
15
16
17
18
14
11
12
13
30
29
25
26
27
28
24
21
22
23
39
35
36
37
38
34
31
32
33
40
41
42
52
51
47
48
49
50
46
43
44
45
57
58
59
60
56
53
54
GND
55
69
65
66
67
68
64
61
62
GND
63
70
71
72
GND
100
99
95
96
97
98
94
91
92
93
110
109
105
106
107
108
104
101
102
103
120
119
115
116
117
118
114
111
112
113
121
122
127
128
129
130
126
123
124
125
GND
140
139
135
136
137
138
134
131
132
133
PD0
144
141
142
143
GND
GND
CLK1
CLK3
GND
GND
GND
GND
77
73
74
75
75
160
78
79
80
145
155
154
150
151
152
153
149
146
147
148
159
156
157
158
GND
GND
GND
GND
GND
GND
81
161
162
163
164
82
83
84
ADSP
165
166
167
168
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
VCC3
VCC3
VCC3
VCC3
VCC3
V
CC3
VCC3
VCC3
VCC3
VCC3
VCC3
CLK2
GND
D63
D26
D58
D60
D62
D51
D53
D55
D56
D46
DP0
D37
D49
DP1
DP3
DP5
D39
D40
D42
D44
D28
D30
D33
D35
D19
D21
D23
D24
D12
D17
D14
D5
D7
D8
D10
D0
D1
D3
DP6
DP
7
D57
D59
D61
D50
D52
D54
D45
D47
D48
D38
D41
D43
D32
D34
D36
D25
D29
D31
D15
D16
D18
D22
D20
D27
DP2
D4
D6
D9
D11
D13
D2
A11
A13
A15
A5
A7
A9
A1
A8
A10
A12
A14
A3
A0
A2
A4
A6
GND
GND
CLK0
GND
WE6
CS1
OE1
WE1
WE5
WE3
WE7
GND
WE4
WE2
WE0
OE0
CS0
DP
4
NC
PD1
A16
A17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com