Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CYM9260 Datasheet(PDF) 10 Page - Cypress Semiconductor

Part # CYM9260
Description  64K(128K, 256K, 512K) x 72 SRAM Module
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CYM9260 Datasheet(HTML) 10 Page - Cypress Semiconductor

Back Button CYM9260 Datasheet HTML 4Page - Cypress Semiconductor CYM9260 Datasheet HTML 5Page - Cypress Semiconductor CYM9260 Datasheet HTML 6Page - Cypress Semiconductor CYM9260 Datasheet HTML 7Page - Cypress Semiconductor CYM9260 Datasheet HTML 8Page - Cypress Semiconductor CYM9260 Datasheet HTML 9Page - Cypress Semiconductor CYM9260 Datasheet HTML 10Page - Cypress Semiconductor CYM9260 Datasheet HTML 11Page - Cypress Semiconductor CYM9260 Datasheet HTML 12Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
CYM9260
CYM9261B
CYM9262A
CYM9263
Document #: 38-05002 Rev. **
Page 10 of 12
Output Timing (Controlled by WH/ WL)
Switching Waveforms (continued)
tADS
tADS
CLK
tWEOZ
tWEOV
WH, WL
DATA OUT
tWES
tWEH
tADSH
tADSH
ADSC and
ADSP
Ordering Information
Speed
(MHz)
Ordering Code
Package
Name
Package Type
Description
Operating
Range
50
CYM9260-50C
PM43
168-Pin Dual-Readout SIMM (DIMM)
Sync 64K x 72
Commercial
CYM9261B-50C
PM43
168-Pin Dual-Readout SIMM (SIMM)
Sync 128K x 72
CYM9262A-50C
PM43
168-Pin Dual-Readout SIMM (DIMM)
Sync 256K x 72
CYM9263-50C
PM44
168-Pin Dual-Readout SIMM (DIMM)
Sync 512K x 72
66
CYM9260-66C
PM43
168-Pin Dual-Readout SIMM (DIMM)
Sync 64K x 72
CYM9261B-66C
PM43
168-Pin Dual-Readout SIMM (SIMM)
Sync 128K x 72
CYM9262A-66C
PM43
168-Pin Dual-Readout SIMM (DIMM)
Sync 256K x 72
CYM9263-66C
PM44
168-Pin Dual-Readout SIMM (DIMM)
Sync 512K x 72



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com