Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CYM9260 Datasheet(PDF) 3 Page - Cypress Semiconductor

Part # CYM9260
Description  64K(128K, 256K, 512K) x 72 SRAM Module
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CYM9260 Datasheet(HTML) 3 Page - Cypress Semiconductor

  CYM9260 Datasheet HTML 1Page - Cypress Semiconductor CYM9260 Datasheet HTML 2Page - Cypress Semiconductor CYM9260 Datasheet HTML 3Page - Cypress Semiconductor CYM9260 Datasheet HTML 4Page - Cypress Semiconductor CYM9260 Datasheet HTML 5Page - Cypress Semiconductor CYM9260 Datasheet HTML 6Page - Cypress Semiconductor CYM9260 Datasheet HTML 7Page - Cypress Semiconductor CYM9260 Datasheet HTML 8Page - Cypress Semiconductor CYM9260 Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
CYM9260
CYM9261B
CYM9262A
CYM9263
Document #: 38-05002 Rev. **
Page 3 of 12
Selection Guide
Part Number
Synchronous Cache Module
CYM9260-66
CYM9261B-66
CYM9262A-66
CYM9263-66
Cache Size
64 K x 72
128 K x 72
256 K x 72
512 K x 72
SRAMs Used
4 of 64K x 18
4 of 128K x 18
8 of 128K x 18
8 of 256K x 18
System Clock (MHz)
66
66
66
66
Data tCDV
10.3 ns
10.3 ns
10.3 ns
10.3 ns
Logic Block Diagram - CYM9263
D[0:63]
DP[0:7]
A[17:0]
CLK[0:3]
A17:0
OE
CS
OE[0:1]
512KX72
NC
NC
A17:0
OE
CS
CLK
WEH
WEL
WEH
WEL
WE[0:7]
CS[0:1]
D[0:15]
DQ[0:1]
DQ[0:15]
DQP[0:1]
ADSP
ADSP
ADSP
CLK
ADSC
ADSC
Vcc3
R2
R1
R3
Vcc3
R4
R1, R2, R3, R4 are optional resistors
R1, R2, R4 are mounted for access using ADSC
R3, R2, R4 are mounted for access using ADSP
BANK 0
BANK 1
BANK 0 & 1
CE0
CE1
OE0
OE1
PD1
PD0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com