Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CYM9260 Datasheet(PDF) 2 Page - Cypress Semiconductor

Part # CYM9260
Description  64K(128K, 256K, 512K) x 72 SRAM Module
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CYM9260 Datasheet(HTML) 2 Page - Cypress Semiconductor

  CYM9260 Datasheet HTML 1Page - Cypress Semiconductor CYM9260 Datasheet HTML 2Page - Cypress Semiconductor CYM9260 Datasheet HTML 3Page - Cypress Semiconductor CYM9260 Datasheet HTML 4Page - Cypress Semiconductor CYM9260 Datasheet HTML 5Page - Cypress Semiconductor CYM9260 Datasheet HTML 6Page - Cypress Semiconductor CYM9260 Datasheet HTML 7Page - Cypress Semiconductor CYM9260 Datasheet HTML 8Page - Cypress Semiconductor CYM9260 Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
CYM9260
CYM9261B
CYM9262A
CYM9263
Document #: 38-05002 Rev. **
Page 2 of 12
Logic Block Diagram - CYM9261B/CYM9262A
D[0:63]
DP[0:7]
A[17:0]
CLK[0:3]
A17:0
OE
CS
OE[0:1]
A17:0
OE
CS
CLK
WEH
WEL
WEH
WEL
WE[0:7]
CS[0:1]
D[0:15]
DQ[0:1]
DQ[0:15]
DQP[0:1]
ADSP
ADSP
ADSP
CLK
ADSC
ADSC
R2
R1
R3
Vcc3
R4
BANK 0
BANK 1
CE0
CE1
OE0
OE1
PD1
PD
0
NC
GND
128Kx72
256KX72
GND
GND
BANK 0
BANK 0 & 1
R1, R2, R3, R4 are optional resistors
R3, R2, R4 are mounted for access using ADSP
R1, R2, R4 are mounted for access using ADSC
Vcc3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com