Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CYM9260 Datasheet(PDF) 5 Page - Cypress Semiconductor

Part # CYM9260
Description  64K(128K, 256K, 512K) x 72 SRAM Module
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CYM9260 Datasheet(HTML) 5 Page - Cypress Semiconductor

  CYM9260 Datasheet HTML 1Page - Cypress Semiconductor CYM9260 Datasheet HTML 2Page - Cypress Semiconductor CYM9260 Datasheet HTML 3Page - Cypress Semiconductor CYM9260 Datasheet HTML 4Page - Cypress Semiconductor CYM9260 Datasheet HTML 5Page - Cypress Semiconductor CYM9260 Datasheet HTML 6Page - Cypress Semiconductor CYM9260 Datasheet HTML 7Page - Cypress Semiconductor CYM9260 Datasheet HTML 8Page - Cypress Semiconductor CYM9260 Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
CYM9260
CYM9261B
CYM9262A
CYM9263
Document #: 38-05002 Rev. **
Page 5 of 12
Pin Definitions
Signal
Description
VCC3
3V Supply
GND
Ground
A[17:0]
Addresses From Processor
OE[1:0]
Output Enables For The Two Banks
WE[7:0]
Byte Write Enables
CS[1:0]
Chip Select For The Two Banks
PD0–PD1
Presence Detect Output Pins
D[63:0]
Data Lines From Processor
DP[7:0]
Data Parity Lines From Processor
CLK[0:3]
Clock Lines To The Module
ADSP
Address Strobe From The Processor
NC
Signal Not Connected On Module
RSVD
Reserved
Presence Detect Pins
PD1
PD0
CYM9260 - 64K x 72
GND
NC
CYM9261 - 128K x 72
NC
GND
CYM9262 - 256K x 72
GND
GND
CYM9263 - 512K x 72
NC
NC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com