Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CYM9260 Datasheet(PDF) 1 Page - Cypress Semiconductor

Part # CYM9260
Description  64K(128K, 256K, 512K) x 72 SRAM Module
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CYM9260 Datasheet(HTML) 1 Page - Cypress Semiconductor

  CYM9260 Datasheet HTML 1Page - Cypress Semiconductor CYM9260 Datasheet HTML 2Page - Cypress Semiconductor CYM9260 Datasheet HTML 3Page - Cypress Semiconductor CYM9260 Datasheet HTML 4Page - Cypress Semiconductor CYM9260 Datasheet HTML 5Page - Cypress Semiconductor CYM9260 Datasheet HTML 6Page - Cypress Semiconductor CYM9260 Datasheet HTML 7Page - Cypress Semiconductor CYM9260 Datasheet HTML 8Page - Cypress Semiconductor CYM9260 Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
CYM9260
CYM9261B
CYM9262A
CYM9263
64K x 72 SRAM Module
128K x 72 SRAM Module
256K x 72 SRAM Module
512K x 72 SRAM Module
Cypress Semiconductor Corporation
•
3901 North First Street
•
San Jose
•
CA 95134
•
408-943-2600
Document #: 38-05002 Rev. **
Revised March 27, 2002
62A
Features
• Operates at 66 MHz
• Uses 64K x 18, 128K x 18, or 256K x 18 high performance
synchronous SRAMs
• 168-position Angled DIMM from Amp p/n 179508-2
• 3.3V inputs/data outputs
Functional Description
The CYM9260, CYM9261, CYM9262, and the CYM9263 are
high-performance synchronous memory modules organized
as 64K(9260), 128K(9261), 256K(9262), or 512K(9263) by 72
bits. These modules are constructed from either 128K x
18(9260,9261B,9262A) or 256K x 18 (9263) SRAMs in plastic
surface mount packages on an epoxy laminate board with
pins. The modules are designed to be incorporated into large
memory arrays.
The module is configured as either one or two banks, where
each bank has separate chip select and output enable con-
trols. Separate clocks are provided for every pair of SRAMs’s.
Multiple ground pins and on-board decoupling capacitors en-
sure high performance with maximum noise immunity.
All components on the cache modules are surface mounted on
a multi-layer epoxy laminate (FR-4) substrate. The contact
pins are plated with 150 micro-inches of nickel covered by 30
micro-inches of gold flash.
Logic Block Diagram - CYM9260
D[0:63]
DP[0:7]
A[15:0]
CLK[0:3]
PD1
PD
0
GND
NC
A15:0
OE
CS
OE[0:1]
64Kx72
CLK
WEH
WEL
WE[7:0]
CS[0:1]
DQ[0:15]
DQP[0:1]
ADSP
ADSP
ADSC
Vcc3
R2
R1
R3
Vcc3
R4
R1, R2, R3, R4 are optional resistors
R1, R2, R4 are mounted for access using ADSC
R3, R2, R4 are mounted for access using ADSP
BANK 0
BANK 0
CS0
OE0


Similar Part No. - CYM9260

ManufacturerPart #DatasheetDescription
logo
Merrimac Industries, In...
CYM-13R-9G MERRIMAC-CYM-13R-9G Datasheet
119Kb / 2P
DIRECTIONAL COUPLER
logo
Sumida Corporation
CYM-2B SUMIDA-CYM-2B Datasheet
74Kb / 2P
Filter Coils < SMD Type: CYM Series>
logo
Cypress Semiconductor
CYM1441 CYPRESS-CYM1441 Datasheet
167Kb / 6P
256K x 8 Static RAM Module
CYM1441PZ-20C CYPRESS-CYM1441PZ-20C Datasheet
167Kb / 6P
256K x 8 Static RAM Module
CYM1441PZ-25C CYPRESS-CYM1441PZ-25C Datasheet
167Kb / 6P
256K x 8 Static RAM Module
More results

Similar Description - CYM9260

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CYD18S72V CYPRESS-CYD18S72V Datasheet
470Kb / 26P
FLEx72 3.3V 64K/128K/256K x 72 Synchronous Dual-Port RAM
CY7C0837V CYPRESS-CY7C0837V Datasheet
446Kb / 28P
FLEx18-TM 3.3V 32K/64K/128K/256K/512K x 18 Synchronous Dual-Port RAM
logo
Hanbit Electronics Co.,...
HMS25632M8B HANBIT-HMS25632M8B Datasheet
232Kb / 9P
SRAM MODULE 1Mbyte (256K x 32-Bit) , 72-Pin
logo
Integrated Silicon Solu...
IS61NSCS25672 ISSI-IS61NSCS25672 Datasheet
182Kb / 32P
RAM 256K x 72, 512K x 36 18Mb Synchronous SRAM
logo
Cypress Semiconductor
CY7C1366A CYPRESS-CY7C1366A Datasheet
307Kb / 27P
256K x 36/512K x 18 Pipelined SRAM
logo
Integrated Silicon Solu...
IS61NVVP25672 ISSI-IS61NVVP25672 Datasheet
160Kb / 29P
256K x 72 and 512K x 36, 18Mb PIPELINE (NO WAIT) STATE BUS SRAM
logo
Cypress Semiconductor
CYD04S72V CYPRESS-CYD04S72V_06 Datasheet
700Kb / 25P
FLEx72??3.3V 64K/128K/256K x 72 Synchronous Dual-Port RAM
logo
MOSAIC
SYS8512FKX-70 MOSAIC-SYS8512FKX-70 Datasheet
60Kb / 7P
512K x 8 SRAM MODULE
SYS32256ZK-12 MOSAIC-SYS32256ZK-12 Datasheet
62Kb / 2P
256K x 32 SRAM MODULE
logo
Cypress Semiconductor
CYD01S18V CYPRESS-CYD01S18V Datasheet
585Kb / 26P
FLEx18??3.3V 64K/128K/256K/512K x 18 Synchronous Dual-Port RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com