Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XRT75VL00D Datasheet(PDF) 17 Page - Exar Corporation

Part # XRT75VL00D
Description  E3/DS3/STS-1 LINE INTERFACE UNIT WITH SONET DESYNCHRONIZER
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT75VL00D Datasheet(HTML) 17 Page - Exar Corporation

Back Button XRT75VL00D Datasheet HTML 13Page - Exar Corporation XRT75VL00D Datasheet HTML 14Page - Exar Corporation XRT75VL00D Datasheet HTML 15Page - Exar Corporation XRT75VL00D Datasheet HTML 16Page - Exar Corporation XRT75VL00D Datasheet HTML 17Page - Exar Corporation XRT75VL00D Datasheet HTML 18Page - Exar Corporation XRT75VL00D Datasheet HTML 19Page - Exar Corporation XRT75VL00D Datasheet HTML 20Page - Exar Corporation XRT75VL00D Datasheet HTML 21Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 92 page
background image
XRT75VL00D
REV. 1.0.3
E3/DS3/STS-1 LINE INTERFACE UNIT WITH SONET DESYNCHRONIZER
12
14
RESET
I
Register Reset:
Setting this input pin "Low" causes the XRT75VL00D to reset the contents of
the Command Registers to their default settings and default operating configu-
ration
NOTE: This pin is internally pulled up.
28
INT/LOSMUT
I/O
INTERRUPT Output:
This pin functions as Interrupt Output for Serial Interface. A transition to “Low”
indicates that an interrupt has been generated by the Serial Interface. The inter-
rupt function can be disabled by setting the interrupt enable bit to “0” in the
Channel Control Register.
NOTE: If the XRT75VL00D is in Hardware mode, this pin functions as LOSMUT.
MICROPROCESSOR SERIAL INTERFACE - (HOST MODE)
PIN #SIGNAL NAME
TYPE
DESCRIPTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com