Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XRT75VL00D Datasheet(PDF) 49 Page - Exar Corporation

Part # XRT75VL00D
Description  E3/DS3/STS-1 LINE INTERFACE UNIT WITH SONET DESYNCHRONIZER
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT75VL00D Datasheet(HTML) 49 Page - Exar Corporation

Back Button XRT75VL00D Datasheet HTML 45Page - Exar Corporation XRT75VL00D Datasheet HTML 46Page - Exar Corporation XRT75VL00D Datasheet HTML 47Page - Exar Corporation XRT75VL00D Datasheet HTML 48Page - Exar Corporation XRT75VL00D Datasheet HTML 49Page - Exar Corporation XRT75VL00D Datasheet HTML 50Page - Exar Corporation XRT75VL00D Datasheet HTML 51Page - Exar Corporation XRT75VL00D Datasheet HTML 52Page - Exar Corporation XRT75VL00D Datasheet HTML 53Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 92 page
background image
XRT75VL00D
REV. 1.0.3
E3/DS3/STS-1 LINE INTERFACE UNIT WITH SONET DESYNCHRONIZER
44
XRT75VL00D can be configured in Analog Loopback either in Hardware mode via the LLB and RLB pins or in
Host mode via LLB and RLB bits in the channel control registers.
NOTES:
1.
In the Analog loopback mode, data is also output via TTIP and TRING pins.
2.
Signals on the RTIP and RRING pins are ignored during analog loopback.
8.2.2
DIGITAL LOOPBACK:
The Digital Loopback function is available either in Hardware mode or Host mode. When the Digital Loopback
is selected, the transmit clock (TxClk) and transmit data inputs (TPDATA & TNDATA) are looped back and
output onto the RxClk, RPOS and RNEG pins as shown in Figure 27. The data presented on TxClk, TPDATA
and TNDATA are not output on the TTIP and TRING pins.This provides the capability to configure the
protection card (in redundancy applications) in Digital Loopback mode without affecting the traffic on the
primary card.
NOTE: Signals on the RTIP and RRING pins are ignored during digital loopback.
FIGURE 26. ANALOG LOOPBACK
TRING
TTIP
RRING
RTIP
RPOS
RNEG
RCLK
TNDATA
TCLK
TPDATA
HDB3/B3ZS1
ENCODER
HDB3/B3ZS1
DECODER
TIMING
CONTROL
DATA &
CLOCK
RECOVERY
1 if enabled
2 if enabled and selected in either Receive or Transmit path
Tx
Rx



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com