Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XRT75VL00D Datasheet(PDF) 20 Page - Exar Corporation

Part # XRT75VL00D
Description  E3/DS3/STS-1 LINE INTERFACE UNIT WITH SONET DESYNCHRONIZER
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT75VL00D Datasheet(HTML) 20 Page - Exar Corporation

Back Button XRT75VL00D Datasheet HTML 16Page - Exar Corporation XRT75VL00D Datasheet HTML 17Page - Exar Corporation XRT75VL00D Datasheet HTML 18Page - Exar Corporation XRT75VL00D Datasheet HTML 19Page - Exar Corporation XRT75VL00D Datasheet HTML 20Page - Exar Corporation XRT75VL00D Datasheet HTML 21Page - Exar Corporation XRT75VL00D Datasheet HTML 22Page - Exar Corporation XRT75VL00D Datasheet HTML 23Page - Exar Corporation XRT75VL00D Datasheet HTML 24Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 92 page
background image
XRT75VL00D
E3/DS3/STS-1 LINE INTERFACE UNIT WITH SONET DESYNCHRONIZER
REV. 1.0.3
15
1.0
ELECTRICAL CHARACTERISTICS
NOTES:
1.
Exposure to or operating near the Min or Max values for extended period may cause permanent failure and impair
reliability of the device.
2.
ESD testing method is per MIL-STD-883D,M-3015.7
NOTES:
1.
Not applicable for pins with pull-up or pull-down resistors.
2.
The Digital inputs and outputs are TTL 5V compliant.
TABLE 1: ABSOLUTE MAXIMUM RATINGS
SYMBOL
PARAMETER
MIN
MAX
UNITS
COMMENTS
VDD
Supply Voltage
-0.5
6.0
V
Note 1
VIN
Input Voltage at any Pin
-0.5
5+0.5
V
Note 1
IIN
Input current at any pin
100
mA
Note 1
STEMP
Storage Temperature
-65
150
0C
Note 1
ATEMP
Ambient Operating Temperature
-40
85
0C
linear airflow 0 ft./min
ThetaJA
Thermal Resistance
20
0C/W
linear air flow 0ft/min
ThetaJC
6
0C/W
MLEVL
Exposure to Moisture
5
level
EIA/JEDEC
JESD22-A112-A
ESD
ESD Rating
2000
V
Note 2
TABLE 2: DC ELECTRICAL CHARACTERISTICS:
SYMBOL
PARAMETER
MIN
.
TYP
.
MAX
.
UNITS
DVDD
Digital Supply Voltage
3.135
3.3
3.465
V
AVDD
Analog Supply Voltage
3.135
3.3
3.465
V
ICC
Supply current (Measured while transmitting and receiving all
1’s)
65
120
175
mA
PDD
Power Dissipation
210
385
610
mW
VIL
Input Low Voltage
0.8
V
VIH
Input High Voltage
2.0
5.0
V
VOL
Output Low Voltage, IOUT = - 4mA
0.4
V
VOH
Output High Voltage, IOUT = 4 mA
2.4
V
IL
Input Leakage Current1
±10
µA
CI
Input Capacitance
10
pF
CL
Load Capacitance
10
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com