Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS42448 Datasheet(PDF) 46 Page - Cirrus Logic

Part # CS42448
Description  108 dB, 192 kHz 6-in, 8-out CODEC
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS42448 Datasheet(HTML) 46 Page - Cirrus Logic

Back Button CS42448 Datasheet HTML 42Page - Cirrus Logic CS42448 Datasheet HTML 43Page - Cirrus Logic CS42448 Datasheet HTML 44Page - Cirrus Logic CS42448 Datasheet HTML 45Page - Cirrus Logic CS42448 Datasheet HTML 46Page - Cirrus Logic CS42448 Datasheet HTML 47Page - Cirrus Logic CS42448 Datasheet HTML 48Page - Cirrus Logic CS42448 Datasheet HTML 49Page - Cirrus Logic CS42448 Datasheet HTML 50Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 70 page
background image
46
DS648PP2
6.4
FUNCTIONAL MODE (ADDRESS 03H)
6.4.1
DAC FUNCTIONAL MODE (DAC_FM[1:0])
Default = 11
Master Mode
00 - Single-Speed Mode (4 to 50 kHz sample rates)
01 - Double-Speed Mode (50 to 100 kHz sample rates)
10 - Quad-Speed Mode (100 to 200 kHz sample rates)
Slave Mode
11 - (Auto-detect sample rates)
Function:
Selects the required range of sample rates for the DAC serial port.
6.4.2
ADC FUNCTIONAL MODE (ADC_FM[1:0])
Default = 11
Master Mode
00 - Single-Speed Mode (4 to 50 kHz sample rates)
01 - Double-Speed Mode (50 to 100 kHz sample rates)
10 - Quad-Speed Mode (100 to 200 kHz sample rates)
Slave Mode
11 - (Auto-detect sample rates)
Function:
Selects the required range of sample rates for the ADC serial port.
6.4.3
MCLK FREQUENCY (MFREQ[2:0])
Default = 000
Function:
Sets the appropriate frequency for the supplied MCLK. For TDM and OLM #2 operation,
ADC/DAC_SCLK must equal 256Fs. For OLM #1 operation, ADC/DAC_SCLK must equal 128Fs.
MCLK can be equal to or greater than the higher frequency of ADC_SCLK or DAC_SCLK.
7
654
32
10
DAC_FM1
DAC_FM0
ADC_FM1
ADC_FM0
MFreq2
MFreq1
MFreq0
Reserved
Ratio (xFs)
MFreq2
MFreq1
MFreq0
Description
SSM
DSM
QSM
00
0
1.0290 MHz to 12.8000 MHz
256
128
64
00
1
1.5360 MHz to 19.2000 MHz
384
192
96
01
0
2.0480 MHz to 25.6000 MHz
512
256
128
01
1
3.0720 MHz to 38.4000 MHz
768
384
192
1X
X
4.0960 MHz to 51.2000 MHz
1024
512
256
Table 10. MCLK Frequency Settings for I
²S, Left and Right Justified Interface Formats



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com