Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS42448 Datasheet(PDF) 9 Page - Cirrus Logic

Part # CS42448
Description  108 dB, 192 kHz 6-in, 8-out CODEC
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS42448 Datasheet(HTML) 9 Page - Cirrus Logic

Back Button CS42448 Datasheet HTML 5Page - Cirrus Logic CS42448 Datasheet HTML 6Page - Cirrus Logic CS42448 Datasheet HTML 7Page - Cirrus Logic CS42448 Datasheet HTML 8Page - Cirrus Logic CS42448 Datasheet HTML 9Page - Cirrus Logic CS42448 Datasheet HTML 10Page - Cirrus Logic CS42448 Datasheet HTML 11Page - Cirrus Logic CS42448 Datasheet HTML 12Page - Cirrus Logic CS42448 Datasheet HTML 13Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 70 page
background image
DS648PP2
9
1.1
Digital I/O Pin Characteristics
Various pins on the CS42448 are powered from separate power supply rails. The logic level for each input
should adhere to the corresponding power rail and should not exceed the maximum ratings.
Power
Rail
Pin Name
I/O
Driver
Receiver
VLC
RST
Input
-
1.8 V - 5.0 V, CMOS
SCL/CCLK
Input
-
1.8 V - 5.0 V, CMOS, with Hysteresis
SDA/CDOUT
Input/
Output
1.8 V - 5.0 V, CMOS/Open Drain
1.8 V - 5.0 V, CMOS, with Hysteresis
AD0/CS
Input
-
1.8 V - 5.0 V, CMOS
AD1/CDIN
Input
-
1.8 V - 5.0 V, CMOS
INT
Output
1.8 V - 5.0 V, CMOS/Open Drain
-
VLS
MCLK
Input
-
1.8 V - 5.0 V, CMOS
ADC_LRCK
Input/
Output
1.8 V - 5.0 V, CMOS
1.8 V - 5.0 V, CMOS
ADC_SCLK
Input/
Output
1.8 V - 5.0 V, CMOS
1.8 V - 5.0 V, CMOS
ADC_SDOUT1-3
(ADC3_SINGLE)
Input/
Output
1.8 V - 5.0 V, CMOS
-
DAC_LRCK
Input/
Output
1.8 V - 5.0 V, CMOS
1.8 V - 5.0 V, CMOS
DAC_SCLK
Input/
Output
1.8 V - 5.0 V, CMOS
1.8 V - 5.0 V, CMOS
DAC_SDIN1-4
Input
-
1.8 V - 5.0 V, CMOS
AUX_LRCK
Output
1.8 V - 5.0 V, CMOS
-
AUX_SCLK
Output
1.8 V - 5.0 V, CMOS
-
AUX_SDIN
Input
-
1.8 V - 5.0 V, CMOS
VA
MUTEC
Output
3.3 V - 5.0 V, CMOS
-
Table 1. I/O Power Rails



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com