Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS42448 Datasheet(PDF) 20 Page - Cirrus Logic

Part # CS42448
Description  108 dB, 192 kHz 6-in, 8-out CODEC
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS42448 Datasheet(HTML) 20 Page - Cirrus Logic

Back Button CS42448 Datasheet HTML 16Page - Cirrus Logic CS42448 Datasheet HTML 17Page - Cirrus Logic CS42448 Datasheet HTML 18Page - Cirrus Logic CS42448 Datasheet HTML 19Page - Cirrus Logic CS42448 Datasheet HTML 20Page - Cirrus Logic CS42448 Datasheet HTML 21Page - Cirrus Logic CS42448 Datasheet HTML 22Page - Cirrus Logic CS42448 Datasheet HTML 23Page - Cirrus Logic CS42448 Datasheet HTML 24Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 70 page
background image
20
DS648PP2
SWITCHING SPECIFICATIONS - ADC/DAC PORT (Inputs: Logic 0 = DGND, Logic 1 = VLS,
ADC_SDOUT CLOAD = 15 pF.)
Parameters (Note 20)
Symbol
Min
Max
Units
Slave Mode
RST pin Low Pulse Width
(Note 16)
1-
ms
MCLK Frequency
0.512
50
MHz
MCLK Duty Cycle
(Note 17)
45
55
%
Input Sample Rate (LRCK)
Single-Speed Mode
Double-Speed Mode (Note 18)
Quad-Speed Mode (Note 19)
Fs
Fs
Fs
4
50
100
50
100
200
kHz
kHz
kHz
LRCK Duty Cycle
45
55
%
SCLK Duty Cycle
45
55
%
SCLK High Time
tsckh
8-
ns
SCLK Low Time
tsckl
8-
ns
LRCK Rising Edge to SCLK Rising Edge
tfss
tlcks
5-
ns
SCLK Rising Edge to LRCK Falling Edge
tfsh
16
-
ns
SCLK Falling Edge to ADC_SDOUT Output Valid
tdpd
-35
ns
DAC_SDIN Setup Time Before SCLK Rising Edge
tds
3-
ns
DAC_SDIN Hold Time After SCLK Rising Edge
tdh
5-
ns
DAC_SDIN Hold Time After SCLK Rising Edge
tdh1
5-
ns
ADC_SDOUT Hold Time After SCLK Rising Edge
tdh2
10
-
ns
ADC_SDOUT Valid Before SCLK Rising Edge
tdval
15
-
ns
ADC_SDOUTx
DAC_SDINx
t
ds
SCLK
LRCK
MSB
t
dh
t
sckh
t
sckl
t
dpd
MSB
t
lcks
MSB-1
MSB-1
ADC_SDOUT1
DAC_SDIN1
t
ds
SCLK
(input)
LRCK
(input)
MSB
t
dh1
t
sckh
t
sckl
t
dval
MSB-1
MSB
MSB-1
t
fsh
t
fss
t
dh2
Figure 4. Serial Audio Interface Slave Mode Timing
Figure 5. TDM Serial Audio Interface Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com