Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS42448 Datasheet(PDF) 8 Page - Cirrus Logic

Part # CS42448
Description  108 dB, 192 kHz 6-in, 8-out CODEC
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS42448 Datasheet(HTML) 8 Page - Cirrus Logic

Back Button CS42448 Datasheet HTML 4Page - Cirrus Logic CS42448 Datasheet HTML 5Page - Cirrus Logic CS42448 Datasheet HTML 6Page - Cirrus Logic CS42448 Datasheet HTML 7Page - Cirrus Logic CS42448 Datasheet HTML 8Page - Cirrus Logic CS42448 Datasheet HTML 9Page - Cirrus Logic CS42448 Datasheet HTML 10Page - Cirrus Logic CS42448 Datasheet HTML 11Page - Cirrus Logic CS42448 Datasheet HTML 12Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 70 page
background image
8
DS648PP2
DAC_SDIN1
DAC_SDIN2
DAC_SDIN3
DAC_SDIN4
17
16
15
14
DAC Serial Audio Data Input (Input) - Input for two’s complement serial audio data.
DAC_SCLK
18
DAC Serial Clock (Input/Output) - Serial clock for the DAC serial audio interface. Input frequency
must be 256xFs in the TDM digital interface format.
DAC_LRCK
19
DAC Left/Right Clock (Input/Output) - Determines which channel, Left or Right, is currently active
on the DAC serial audio data line. Signals the start of a new TDM frame in the TDM digital inter-
face format.
AUX_LRCK
20
Auxiliary Left/Right Clock (Output) - Determines which channel, Left or Right, is currently active
on the Auxiliary serial audio data line. Derived from the ADC serial port and equals Fs.
AUX_SCLK
21
Auxiliary Serial Clock (Output) - Serial clock for the Auxiliary serial audio interface.
AUX_SDIN
22
Auxiliary Serial Input (Input) - Provides an additional serial input for two’s complement serial
audio data. Used only in the TDM digital interface format.
AOUT1 +,-
AOUT2 +,-
AOUT3 +,-
AOUT4 +,-
AOUT5 +,-
AOUT6 +,-
26,25
27,28
30,29
31,32
34,33
36,37
Differential Analog Output (Output) - The full-scale analog output level is specified in the Analog
Characteristics table. Each leg of the differential outputs may also be used single-ended.
AGND
42,56 Analog Ground (Input) -
VQ
43
Quiescent Voltage (Output) - Filter connection for internal quiescent reference voltage.
VA
44,53 Analog Power (Input) - Positive power supply for the analog section. See “Digital I/O Pin Charac-
teristics” on page 9.
AIN1 +,-
AIN2 +,-
AIN3 +,-
AIN4 +,-
AIN5 +,-
AIN6 +,-
46,45
48,47
50,49
52,51
58,57
60,59
Differential Analog Input (Input) - Signals are presented differentially or single-ended to the
Delta-Sigma modulators. The full-scale input level is specified in the Analog Characteristics speci-
fication table. See below for a description of AIN5-AIN6 in Single-Ended Mode.
AIN5 A,B
AIN6 A,B
58,57
60,59
Single-Ended Analog Input (Input) - When stereo ADC3 is in Single-Ended Mode, an internal
analog mux allows selection between 2 channels for both analog inputs AIN5 and AIN6 (see sec-
tion 4.2.2 for details). The unused leg of each input is internally connected to common mode. The
full-scale input level is specified in the Analog Characteristics table.
MUTEC
35
Mute Control (Output) - Used as a control for external mute circuits to prevent the clicks and pops
that can occur in any single supply system.
FILT+_DAC
54
Positive Voltage Reference (Output) - Positive reference voltage for the internal sampling circuits
of the DAC.
FILT+_ADC
55
Positive Voltage Reference (Output) - Positive reference voltage for the internal sampling circuits
of the ADC.
INT
61
Interrupt (Output) - Signals either an ADC overflow condition has occurred in one or more of the
ADC inputs, or a clocking error has occurred in the DAC/ADC as specified in the Interrupt register.
SCL/CCLK
63
Serial Control Port Clock (Input) - Serial clock for the control port interface.
SDA/CDOUT
64
Serial Control Data I/O
(Input/Output) - Input/Output for I2C data. Output for SPI data.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com