Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS42448 Datasheet(PDF) 67 Page - Cirrus Logic

Part # CS42448
Description  108 dB, 192 kHz 6-in, 8-out CODEC
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS42448 Datasheet(HTML) 67 Page - Cirrus Logic

Back Button CS42448 Datasheet HTML 62Page - Cirrus Logic CS42448 Datasheet HTML 63Page - Cirrus Logic CS42448 Datasheet HTML 64Page - Cirrus Logic CS42448 Datasheet HTML 65Page - Cirrus Logic CS42448 Datasheet HTML 66Page - Cirrus Logic CS42448 Datasheet HTML 67Page - Cirrus Logic CS42448 Datasheet HTML 68Page - Cirrus Logic CS42448 Datasheet HTML 69Page - Cirrus Logic CS42448 Datasheet HTML 70Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 67 / 70 page
background image
DS648PP2
67
13 ORDERING INFORMATION
Product
Description
Package
Pb-Free
Grade
Temp Range
Container Order #
CS42448
6-in, 8-out CODEC for Sur-
round Sound Apps
64L-LQFP
YES
Commercial -10° to +70° C
Rail
CS42448-CQZ
Tape & Reel CS42448-CQZR
Automotive -40° to +85° C
Rail
CS42448-DQZ
Tape & Reel CS42448-DQZR
CDB42448 CS42448 Evaluation Board
-
-
-
-
-
CDB42448



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com