Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS42448 Datasheet(PDF) 68 Page - Cirrus Logic

Part # CS42448
Description  108 dB, 192 kHz 6-in, 8-out CODEC
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS42448 Datasheet(HTML) 68 Page - Cirrus Logic

Back Button CS42448 Datasheet HTML 62Page - Cirrus Logic CS42448 Datasheet HTML 63Page - Cirrus Logic CS42448 Datasheet HTML 64Page - Cirrus Logic CS42448 Datasheet HTML 65Page - Cirrus Logic CS42448 Datasheet HTML 66Page - Cirrus Logic CS42448 Datasheet HTML 67Page - Cirrus Logic CS42448 Datasheet HTML 68Page - Cirrus Logic CS42448 Datasheet HTML 69Page - Cirrus Logic CS42448 Datasheet HTML 70Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 68 / 70 page
background image
68
DS648PP2
14 REVISION HISTORY
Revision
Date
Changes
A1
July 2004
Initial Release
A2
October 2004
Corrected I²C Address in section 4.7.2 on page 39.
Corrected Chip I.D. in section 6.2.1 on page 44.
PP1
January 2005
Initial Preliminary Product (PP) Release subject to legal notice below.
Added pin numbers to “Typical Connection Diagram” on page 10.
Changed ADC TDM, Double-Speed Mode parameters. See Note 2 on page 11
and Note 18 on page 21.
Added ADC3 MUX Interchannel Isolation characteristic in section “Character-
istics and Specifications” beginning on page 11.
Changed SCLK Falling Edge to ADC_SDOUT Output Valid (tdpd) maximum
specification to 35 ns in section “Characteristics and Specifications” beginning
on page 11.
Changed ADC Passband Ripple maximum specifications for SSM, DSM &
QSM in section “Characteristics and Specifications” beginning on page 11.
Changed DAC Frequency Response specifications for SSM, DSM & QSM in
section “Characteristics and Specifications” beginning on page 11.
Changed ADC Quad-Speed Mode parameters. See Note 19 on page 21.
Added section “De-Emphasis Filter” on page 31.
Added SCLK/LRCK & MCLK/LRCK ratio parameters in Tables 5 - 8 on page
33.
Corrected section “TDM” on page 35.
Changed AIN1-6 Volume Control range from (+12 dB to -115.5 dB) to (+24 dB
to -64 dB) in register “AINx Volume Control (AINx_VOL[7:0])” on page 53.
Removed the “Error Mode (MODE[1:0])” control bits from register “Status Con-
trol (address 18h)” on page 54. See “Interrupt Pin Control (INT[1:0])” on
page 54, “ADC CLOCK ERROR (ADC_CLK Error)” on page 54 and “ADC
Overflow (ADCX_OVFL)” on page 55 for the Active Mode setting.
PP2
February 2005
Corrected Figures 27-29.
Added section “Ordering Information” on page 67.
Table 16. Revision History



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com