| Electronic Components Datasheet Search |
|
M41T62LC6F Datasheet(PDF) 8 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
M41T62LC6F Datasheet(HTML) 8 Page - STMicroelectronics |
|
8 / 42 page ![]() 2.1.5 Acknowledge Each byte of eight bits is followed by one acknowledge bit. This acknowledge bit is a low level put on the bus by the receiver whereas the master generates an extra acknowledge related clock pulse. A slave receiver which is addressed is obliged to generate an acknowledge after the reception of each byte that has been clocked out of the slave transmitter. The device that acknowledges has to pull down the SDA line during the acknowledge clock pulse in such a way that the SDA line is a stable Low during the high period of the acknowledge related clock pulse. Of course, setup and hold times must be taken into account. A master receiver must signal an end of data to the slave transmitter by not generating an acknowledge on the last byte that has been clocked out of the slave. In this case the transmitter must leave the data line high to enable the master to generate the STOP condition. Figure 11. Serial bus data transfer sequence DATA CLOCK DATA LINE STABLE DATA VALID START CONDITION CHANGE OF DATA ALLOWED STOP CONDITION Figure 12. Acknowledgement sequence DATA OUTPUT BY RECEIVER DATA OUTPUT BY TRANSMITTER SCL FROM MASTER START CLOCK PULSE FOR ACKNOWLEDGEMENT 1 2 8 9 MSB LSB 2.2 READ mode In this mode the master reads the M41T6x slave after setting the slave address (see Figure 14. READ mode sequence). Following the WRITE mode control bit (R/W̅=0) and the acknowledge bit, the word address 'An' is written to the on-chip address pointer. Next the START condition and slave address are repeated followed by the READ mode control bit (R/W̅=1). At this point the master transmitter becomes the master receiver. The data byte, which was addressed is transmitted and the master receiver sends an acknowledge bit to the slave transmitter. The address pointer is only incremented on reception of an acknowledge clock. The M41T6x slave transmitter now places the data byte at address An+1 on the bus, the master receiver reads and acknowledges the new byte and the address pointer is incremented to “An+2.” This cycle of reading consecutive addresses continues until the master receiver sends a STOP condition to the slave transmitter. M41T62, M41T64, M41T65 READ mode DS3840 - Rev 24 page 8/42 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |