Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M41T62LC6F Datasheet(PDF) 36 Page - STMicroelectronics

Part # M41T62LC6F
Description  Low-power serial real-time clocks (RTCs) with alarm
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M41T62LC6F Datasheet(HTML) 36 Page - STMicroelectronics

Back Button M41T62LC6F Datasheet HTML 32Page - STMicroelectronics M41T62LC6F Datasheet HTML 33Page - STMicroelectronics M41T62LC6F Datasheet HTML 34Page - STMicroelectronics M41T62LC6F Datasheet HTML 35Page - STMicroelectronics M41T62LC6F Datasheet HTML 36Page - STMicroelectronics M41T62LC6F Datasheet HTML 37Page - STMicroelectronics M41T62LC6F Datasheet HTML 38Page - STMicroelectronics M41T62LC6F Datasheet HTML 39Page - STMicroelectronics M41T62LC6F Datasheet HTML 40Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 42 page
background image
8
Part numbering
Table 22. Ordering information scheme
Example:
M41T
62
Q
6
F
Device family
M41T
Device type and supply voltage
62 = VCC = 1.3 V to 4.4 V
64 = VCC = 1.3 V to 4.4 V
65 = VCC = 1.3 V to 4.4 V
Package
Q = QFN16 (3 x 3 mm)
LC = LCC8 (1.5 x 3.2 mm) (M41T62 only)
Temperature range
6 = –40 °C to 85 °C
Shipping method
F = ECOPACK® package, tape & reel
For other options, or for more information on any aspect of this device, please contact the ST sales office nearest
you.
M41T62, M41T64, M41T65
Part numbering
DS3840 - Rev 24
page 36/42



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com