Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M41T62LC6F Datasheet(PDF) 41 Page - STMicroelectronics

Part # M41T62LC6F
Description  Low-power serial real-time clocks (RTCs) with alarm
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M41T62LC6F Datasheet(HTML) 41 Page - STMicroelectronics

Back Button M41T62LC6F Datasheet HTML 34Page - STMicroelectronics M41T62LC6F Datasheet HTML 35Page - STMicroelectronics M41T62LC6F Datasheet HTML 36Page - STMicroelectronics M41T62LC6F Datasheet HTML 37Page - STMicroelectronics M41T62LC6F Datasheet HTML 38Page - STMicroelectronics M41T62LC6F Datasheet HTML 39Page - STMicroelectronics M41T62LC6F Datasheet HTML 40Page - STMicroelectronics M41T62LC6F Datasheet HTML 41Page - STMicroelectronics M41T62LC6F Datasheet HTML 42Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 41 / 42 page
background image
List of figures
Figure 1.
M41T62 logic diagram ............................................................... 2
Figure 2.
M41T64 logic diagram ............................................................... 3
Figure 3.
M41T65 logic diagram ............................................................... 3
Figure 4.
M41T62 connections ................................................................ 3
Figure 5.
M41T64 connections ................................................................ 4
Figure 6.
M41T65 connections ................................................................ 4
Figure 7.
M41T62 block diagram .............................................................. 5
Figure 8.
M41T64 block diagram .............................................................. 5
Figure 9.
M41T65 block diagram .............................................................. 5
Figure 10.
Hardware hookup for SuperCap™ backup operation .......................................... 6
Figure 11.
Serial bus data transfer sequence ....................................................... 8
Figure 12.
Acknowledgement sequence .......................................................... 8
Figure 13.
Slave address location............................................................... 9
Figure 14.
READ mode sequence .............................................................. 9
Figure 15.
Alternative READ mode sequence ...................................................... 9
Figure 16.
WRITE mode sequence............................................................. 10
Figure 17.
Buffer/transfer registers ............................................................. 12
Figure 18.
Crystal accuracy across temperature.................................................... 17
Figure 19.
Calibration waveform............................................................... 17
Figure 20.
Alarm interrupt reset waveform ........................................................ 18
Figure 21.
Century bits CB1 and CB0 ........................................................... 20
Figure 22.
AC measurement I/O waveform ....................................................... 23
Figure 23.
Crystal isolation example ............................................................ 23
Figure 24.
Bus timing requirements sequence ..................................................... 26
Figure 25.
QFN16 — 16-pin, quad, flat package, no-lead, 3x3 mm, package outline ........................... 28
Figure 26.
QFN16 — 16-pin, quad, flat package, no-lead, 3 x 3 mm recommended footprint ..................... 30
Figure 27.
LCC8 — 8-pin, 1.5 x 3.2 mm leadless chip carrier package outline ............................... 31
Figure 28.
LCC8 — 8-pin, 1.5 x 3.2 mm leadless chip carrier recommended footprint .......................... 32
Figure 29.
Carrier tape for QFN16 3 x 3 mm package ................................................ 33
Figure 30.
Carrier tape for LCC8 1.5 x 3.2 mm package .............................................. 34
Figure 31.
Reel schematic................................................................... 34
M41T62, M41T64, M41T65
List of figures
DS3840 - Rev 24
page 41/42



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com