Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M41T62LC6F Datasheet(PDF) 25 Page - STMicroelectronics

Part # M41T62LC6F
Description  Low-power serial real-time clocks (RTCs) with alarm
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M41T62LC6F Datasheet(HTML) 25 Page - STMicroelectronics

Back Button M41T62LC6F Datasheet HTML 21Page - STMicroelectronics M41T62LC6F Datasheet HTML 22Page - STMicroelectronics M41T62LC6F Datasheet HTML 23Page - STMicroelectronics M41T62LC6F Datasheet HTML 24Page - STMicroelectronics M41T62LC6F Datasheet HTML 25Page - STMicroelectronics M41T62LC6F Datasheet HTML 26Page - STMicroelectronics M41T62LC6F Datasheet HTML 27Page - STMicroelectronics M41T62LC6F Datasheet HTML 28Page - STMicroelectronics M41T62LC6F Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 42 page
background image
Table 14. Crystal electrical characteristics
Sym
Parameter (1) (2)
Min.
Typ.
Max.
Units
fO
Resonant frequency
-
32.768
kHz
RS
Series resistance (TA = –40 to 70 °C, oscillator startup at 2.0 V)
-
75 (3) (4)
kΩ
CL
Load capacitance
-
6
pF
1. Load capacitors are integrated within the M41T6x. Circuit board layout considerations for the 32.768 kHz
crystal of minimum trace lengths and isolation from RF generating signals should be taken into account.
2. For the QFN16 package, user-supplied external crystals are required. The 6 and 7 pF crystals listed in
Table 15. Crystals suitable for use with M41T6x series RTCs have been evaluated by ST and have been
found to be satisfactory for use with the M41T6x series RTC.
3. RS (max) = 65 kΩ for TA = –40 to 85 °C and oscillator startup at 1.5 V.
4. Guaranteed by design.
Table 15. Crystals suitable for use with M41T6x series RTCs
Vendor
Order number
Package
Manufacturer’s specifications
ESR
max.
Temp. range
(°C)
Rated
tolerance at
25 °C
Rated load
cap.
Citizen
CMJ206T-32.768KDZB-UB
8.3 x 2.5 mm leaded SMT
50 kΩ
–40/+85
±20 ppm
6 pF
Citizen
CM315-32.768KDZY-UB
3.2 x 1.5 x 0.9 mm SMT
70 kΩ
–40/+85
±20 ppm
7 pF
Ecliptek
E4WCDA06-32.768K (1)
2.0 x 6.0 mm thru-hole
50 kΩ
–10/+60
±20 ppm
6 pF
Ecliptek
E5WSDC 07 - 32.768K
7 x 1.5 x 1.4 mm SMT
65 kΩ
–40/+85
±20 ppm
7 pF
ECS
ECS-.327-6-17X-TR
3.8 x 8.5 x 2.5 mm SMT
50 kΩ
–40/+85
±20 ppm
6 pF
ECS
ECS-.327-7-34B-TR
3.2 x 1.5 x 0.9 mm SMT
70 kΩ
–40/+85
±20 ppm
7 pF
ECS
ECS-.327-7-38-TR
7 x 1.5 x 1.4 mm SMT
65 kΩ
–40/+85
±20 ppm
7 pF
Epson
MC-146 32.7680KA-AG: ROHS (2)
7 x 1.5 x 1.4 mm SMT
65 kΩ
–40/+85
±20 ppm
7 pF
Fox
298LF-0.032768-19
1.5 x 5.0 mm thru-hole
50 kΩ
–20/+60
±20 ppm
6 pF
Fox
299LF-0.032768-37
2.0 x 6.0 mm thru-hole
50 kΩ
–20/+60
±20 ppm
6 pF
Fox
414LF-0.032768-12
3.8 x 8.5 x 2.5 mm SMT
50 kΩ
–40/+85
±20 ppm
6 pF
Fox
501LF-0.032768-5
7 x 1.5 x 1.4 mm SMT
65 kΩ
–40/+85
±20 ppm
7 pF
Micro
Crystal
MS3V-T1R 32.768KHZ 7PF 20PPM
6.7 x 1.4 mm
leaded SMT
65 kΩ
–40/+85
±20 ppm
7 pF
Pletronics
SM20S - 32.768K - 6pF
3.8 x 8.5 x 2.5 mm SMT
50 kΩ
–40/+85
±20 ppm
6 pF
Seiko
SSPT7F-7PF20PPM
7 x 1.5 x 1.4 mm SMT
65 kΩ
–40/+85
±20 ppm
7 pF
Seiko
VT200F-6PF20PPM
2.0 x 6.0 mm thru-hole
50 kΩ
–10/+60
±20 ppm
6 pF
1. ST has been informed that this crystal has been terminated by the vendor.
2. Epson MC-146 32.7680KA-E: ROHS is 6 pF version.
Table 16. Oscillator characteristics
Sym
Parameter
Conditions
Min.
Typ.
Max.
Unit
VSTA
Oscillator start voltage
≤ 10 seconds
1.5
V
tSTA
Oscillator start time
VCC = 3.0 V
1
s
Cg
XIN capacitance
12
pF
M41T62, M41T64, M41T65
DC and AC parameters
DS3840 - Rev 24
page 25/42



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com