Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M41T62LC6F Datasheet(PDF) 1 Page - STMicroelectronics

Part # M41T62LC6F
Description  Low-power serial real-time clocks (RTCs) with alarm
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M41T62LC6F Datasheet(HTML) 1 Page - STMicroelectronics

  M41T62LC6F Datasheet HTML 1Page - STMicroelectronics M41T62LC6F Datasheet HTML 2Page - STMicroelectronics M41T62LC6F Datasheet HTML 3Page - STMicroelectronics M41T62LC6F Datasheet HTML 4Page - STMicroelectronics M41T62LC6F Datasheet HTML 5Page - STMicroelectronics M41T62LC6F Datasheet HTML 6Page - STMicroelectronics M41T62LC6F Datasheet HTML 7Page - STMicroelectronics M41T62LC6F Datasheet HTML 8Page - STMicroelectronics M41T62LC6F Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 42 page
background image
3.2 mm
1.5 mm
3mm
3mm
Embedded crystal LCC8 1.5 x 3.2 mm
No external crystal required
QFN16 3 x 3 mm
Features
•
Serial real-time clock (RTC) with alarm functions
–
400 kHz I²C serial interface
–
Memory mapped registers for seconds, minutes, hours, day, date, month,
year, and century
–
Tenths/hundredths of second register
•
350 nA timekeeping current at 3 V
•
Time keeping down to 1.0 V
•
1.3 V to 4.4 V I²C bus operating voltage
–
4.4 V max. VCC suitable for lithium-ion battery operation
•
Low operating current of 35 µA (at 400 kHz I²C speed)
•
32 kHz square wave output is on at power-up. Suitable for driving a
microcontroller in low-power mode. Can be disabled. (M41T62/64)
•
Programmable 1 Hz to 32 kHz square wave output (M41T62/64)
•
Programmable alarm with interrupt function (M41T62/65)
•
32 kHz crystal oscillator integrates crystal load capacitors, works with high
series resistance crystals
•
Oscillator stop detection monitors clock operation
•
Accurate programmable watchdog
–
62.5 ms to 31 minutes timeout
•
Software clock calibration. Timekeeping can be adjusted within ± 2 parts per
million (± 5 seconds per month)
•
Automatic leap year compensation
•
– 40 to + 85 °C operation
•
Two package options
–
Very small 3 x 3 mm, lead-free and halogen-free (ECOPACK2) 16-lead
QFN
–
Ultra small 1.5 x 3.2 mm, lead-free and halogen-free (ECOPACK2) 8-pin
ceramic leadless chip carrier with embedded 32 kHz crystal - no external
oscillator components required (M41T62)
Maturity status link
M41T62
M41T64
M41T65
Low-power serial real-time clocks (RTCs) with alarm
M41T62, M41T64, M41T65
Datasheet
DS3840 - Rev 24 - September 2019
For further information contact your local STMicroelectronics sales office.
www.st.com


Similar Part No. - M41T62LC6F

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M41T62LC6F STMICROELECTRONICS-M41T62LC6F Datasheet
878Kb / 44P
Serial real-time clocks (RTCs) with alarm
01-Dec-2011
More results

Similar Description - M41T62LC6F

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
AN632 MAXIM-AN632 Datasheet
355Kb / 8P
Evaluating the Accuracy of Maxim Real-Time Clocks (RTCs)
Aug 01, 2001
logo
Dallas Semiconductor
DS1305 DALLAS-DS1305_05 Datasheet
487Kb / 21P
Serial Alarm Real-Time Clock
logo
Maxim Integrated Produc...
DS1306 MAXIM-DS1306 Datasheet
324Kb / 22P
Serial Alarm Real-Time Clock
Rev 12/09
logo
STMicroelectronics
M41T62 STMICROELECTRONICS-M41T62_10 Datasheet
695Kb / 41P
Serial real-time clocks with alarm
25-May-2010
M41T62_1112 STMICROELECTRONICS-M41T62_1112 Datasheet
878Kb / 44P
Serial real-time clocks (RTCs) with alarm
01-Dec-2011
M41T80 STMICROELECTRONICS-M41T80_11 Datasheet
440Kb / 27P
Serial access real-time clock with alarm
03-Aug-2011
AN1572 STMICROELECTRONICS-AN1572 Datasheet
176Kb / 9P
Power-down time-stamp function in serial real-time clocks
02-May-2012
logo
Maxim Integrated Produc...
DS1305 MAXIM-DS1305_V01 Datasheet
363Kb / 22P
Serial Alarm Real-Time Clock
19-5055; Rev 4 / 15
DS1306 MAXIM-DS1306_V01 Datasheet
377Kb / 22P
Serial Alarm Real-Time Clock
19-5056; Rev 4 / 1 5
logo
Renesas Technology Corp
IDT5P90011C RENESAS-IDT5P90011C Datasheet
1,007Kb / 26P
Serial Alarm Real-Time Clock
2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com