Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M41T62LC6F Datasheet(PDF) 17 Page - STMicroelectronics

Part # M41T62LC6F
Description  Low-power serial real-time clocks (RTCs) with alarm
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M41T62LC6F Datasheet(HTML) 17 Page - STMicroelectronics

Back Button M41T62LC6F Datasheet HTML 13Page - STMicroelectronics M41T62LC6F Datasheet HTML 14Page - STMicroelectronics M41T62LC6F Datasheet HTML 15Page - STMicroelectronics M41T62LC6F Datasheet HTML 16Page - STMicroelectronics M41T62LC6F Datasheet HTML 17Page - STMicroelectronics M41T62LC6F Datasheet HTML 18Page - STMicroelectronics M41T62LC6F Datasheet HTML 19Page - STMicroelectronics M41T62LC6F Datasheet HTML 20Page - STMicroelectronics M41T62LC6F Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 42 page
background image
Figure 18. Crystal accuracy across temperature
–160
0
10
20
30
40
50
60
70
Frequency (ppm)
Temperature
°C
80
–10
–20
–30
–40
–100
–120
–140
–40
–60
–80
20
0
–20
= –0.036 ppm/
°C2 ± 0.006 ppm/ °C2
K
DF = K x (T – T
O)
2
F
T
O = 25°C ± 5°C
Figure 19. Calibration waveform
NORMAL
POSITIVE
CALIBRATION
NEGATIVE
CALIBRATION
3.3
Setting alarm clock registers
Address locations 0Ah-0Eh contain the alarm settings. The alarm can be configured to go off at a prescribed time
on a specific month, date, hour, minute, or second, or repeat every year, month, day, hour, minute, or second. Bits
RPT5–RPT1 put the alarm in the repeat mode of operation. Table 6. Alarm repeat modes shows the possible
configurations. Codes not listed in the table default to the once per second mode to quickly alert the user of an
incorrect alarm setting.
When the clock information matches the alarm clock settings based on the match criteria defined by RPT5–RPT1,
the AF (alarm flag) is set. If AFE (alarm flag enable) is also set (M41T62/65), the alarm condition activates the
IRQ /OUT or IRQ /FT/OUT pin. To disable the alarm, write '0' to the alarm date register and to RPT5–RPT1.
Note: If the address pointer is allowed to increment to the flag register address, an alarm condition will not cause
the interrupt/flag to occur until the address pointer is moved to a different address. It should also be noted that if
the last address written is the “Alarm Seconds,” the address pointer will increment to the flag address, causing
this situation to occur.
The IRQ output is cleared by a READ to the flags register as shown in Figure 20. Alarm interrupt reset waveform.
A subsequent READ of the flags register is necessary to see that the value of the alarm flag has been reset to '0.'
M41T62, M41T64, M41T65
Setting alarm clock registers
DS3840 - Rev 24
page 17/42



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com