Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2629 Datasheet(PDF) 22 Page - STMicroelectronics

Part # AN2629
Description  low-power modes
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2629 Datasheet(HTML) 22 Page - STMicroelectronics

Back Button AN2629 Datasheet HTML 18Page - STMicroelectronics AN2629 Datasheet HTML 19Page - STMicroelectronics AN2629 Datasheet HTML 20Page - STMicroelectronics AN2629 Datasheet HTML 21Page - STMicroelectronics AN2629 Datasheet HTML 22Page - STMicroelectronics AN2629 Datasheet HTML 23Page - STMicroelectronics AN2629 Datasheet HTML 24Page - STMicroelectronics AN2629 Datasheet HTML 25Page - STMicroelectronics AN2629 Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 43 page
background image
Power and wakeup time measurement
AN2629
22/43
Doc ID 13922 Rev 2
5
Power and wakeup time measurement
5.1
Introduction
This section describes the measurement of the STM32F10xxx low-power mode
consumptions and wake up timings. All described tests are made on the STM3210B
evaluation board (order code STM3210B-EVAL) and can easily be tailored to any other
hardware. This board is available for evaluation and testing purposes. Please contact your
local ST sales office for further details.
This section is divided into two main parts: the first describes power measurement and the
second handles the measurement of the time required by the STM32F10xxx to wake up
from the different low-power modes.
5.2
Power measurement
5.2.1
Context
This part describes how to measure the power consumption of the STM32F10xxx using the
firmware provided in the Zip file that comes with this application note. This firmware is
available in the CurrentMeasurements folder.
The CurrentMeasurements folder contains all the subdirectories and files that make up the
core of the application example:
●
inc subfolder contains the example header files
●
src subfolder contains the example source files
●
project subfolder contains two projects that compile the example files:
–
EWARMv5: contains the project for the EWARM toolchain
–
RVMDK: contains the project for the RVMDK toolchain
–
RIDE: contains the project for the RIDE toolchain
5.2.2
Detailed description
Power is measured in the following STM32F10xxx low-power modes:
●
Sleep mode: power consumption in this mode depends on the used clock and the
active peripherals. So, to cover the whole applicative functionality of this mode,
measurements are made using different clock sources (HSI and HSE), clock
frequencies (from 125 kHz to 72 MHz) and APB peripheral configurations (all
peripheral clocks ON or all peripheral clocks OFF).
●
Stop mode: power consumption in this mode is measured in the two possible
configurations of the Stop mode (Regulator in Run mode and Regulator in low-power
mode).
Note that for the Sleep and Stop modes, all unused I/O pins are configured as analog
pins. The Schmitt trigger input is thus deactivated, leading to zero consumption for
these I/O pins.
●
Standby mode: power consumption in the standby mode is measured with RTC OFF
and with RTC ON.
Note:
For more details on the different low-power modes please refer to Section 1: Power supply.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com