Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2629 Datasheet(PDF) 35 Page - STMicroelectronics

Part # AN2629
Description  low-power modes
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2629 Datasheet(HTML) 35 Page - STMicroelectronics

Back Button AN2629 Datasheet HTML 31Page - STMicroelectronics AN2629 Datasheet HTML 32Page - STMicroelectronics AN2629 Datasheet HTML 33Page - STMicroelectronics AN2629 Datasheet HTML 34Page - STMicroelectronics AN2629 Datasheet HTML 35Page - STMicroelectronics AN2629 Datasheet HTML 36Page - STMicroelectronics AN2629 Datasheet HTML 37Page - STMicroelectronics AN2629 Datasheet HTML 38Page - STMicroelectronics AN2629 Datasheet HTML 39Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 43 page
background image
AN2629
Using the Stop and Standby mode in battery-operated applications
Doc ID 13922 Rev 2
35/43
7
Using the Stop and Standby mode in battery-
operated applications
7.1
Introduction
Some applications powered by a standard battery are not running all the time. For example,
industrial applications wait for information from a sensor to wake up and launch processes
and other tasks. In these applications, the microcontroller waits for an external event, and
needs to reduce its power consumption during this phase.
The Cortex-M3 core was designed to take these constrains into account and integrate
specific modes and instructions at core level.
The software provided with this application note gives two examples (WFE_Stop_Flash and
WFE_Stop_RAM) of how to use the STM32F10xxx in battery-operated applications. In
these examples the STM32F10xxx switches to the low-power mode as soon as the
application does not require processing, instead of remaining in Run mode with a low clock
frequency.
The two low-power modes are based on the Cortex-M3 core’s Deep Sleep feature and WFE
(Wait for Event) instruction.
7.2
Using Wait For Event & Stop Wait For Event
7.2.1
Context
This section describes how to use the Wait for Event instruction and the Stop mode of the
STM32F10xxx, using the firmware found in the Zip file delivered with this application note.
The firmware are available in the following folders: WFE_Stop_Flash and
WFE_Stop_RAM.
There are two projects that are exactly the same, except for the mapping in the product:
●
WFE_Stop_Flash is strictly mapped in the Flash memory and runs from the Flash
memory
●
WFE_Stop_Ram is downloaded in Flash memory, but some functions are remapped in
RAM at startup. How to remap code in RAM is explained in the toolset documentation.
The WFE_Stop_Flash and WFE_Stop_Ram folders contain all the subdirectories and files
that make up the core of the application example:
●
inc subfolder contains the example header files
●
src subfolder contains the example source files
●
project subfolder contains two projects that compile the example files:
–
EWARMv5: contains the project for the EWARM toolchain
–
RVMDK: contains the project for the RVMDK toolchain
–
RIDE: contains the project for the RIDE toolchain



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com