Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2629 Datasheet(PDF) 23 Page - STMicroelectronics

Part # AN2629
Description  low-power modes
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2629 Datasheet(HTML) 23 Page - STMicroelectronics

Back Button AN2629 Datasheet HTML 19Page - STMicroelectronics AN2629 Datasheet HTML 20Page - STMicroelectronics AN2629 Datasheet HTML 21Page - STMicroelectronics AN2629 Datasheet HTML 22Page - STMicroelectronics AN2629 Datasheet HTML 23Page - STMicroelectronics AN2629 Datasheet HTML 24Page - STMicroelectronics AN2629 Datasheet HTML 25Page - STMicroelectronics AN2629 Datasheet HTML 26Page - STMicroelectronics AN2629 Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 43 page
background image
AN2629
Power and wakeup time measurement
Doc ID 13922 Rev 2
23/43
Hardware environment
●
Sleep, Stop and Standby (With RTC OFF): the measurement of the power
consumption is made by replacing jumper JP9 in the STM3210B-EVAL board by an
ammeter and by powering the board from an external supply, or by using the USB
cable.
●
RTC powered by VBAT: the measurement is made by connecting an external power
supply to the pin 2 of jumper J11. The ammeter is then connected in series.
Firmware description
The firmware provided is divided into the following files:
●
File main.c:
This file contains the main firmware body. The user can select the needed low-power
mode by uncommenting the respective line:
/* Define the Low power mode*/
//#define SLEEP
//#define SLEEP_ALLPERIPH_ENABLE
//#define SLEEP_ALLPERIPH_DISABLE
//#define STOP
//#define STOP_Regulator_ON
//#define STOP_Regulator_LowPower
//#define STANDBY
//#define RTC_ON
●
hw_config.c and hw_config.h files:
These files contain all functions related to the configuration of the STM32F10xxx (clock
configuration, peripheral enable/disable, I/O configuration, etc.).
To select the way the Sleep and Stop mode are entered (WFI or WFE), uncomment the
corresponding line in the hw_config.h file:
/* Define the entry to the low power mode */
//#define Entry_WFE
//#define Entry_WFI
To select the needed clock configuration for Sleep mode, uncomment the
corresponding line in the hw_config.h file:
/* Define the clock settings */
#define HSE_PLL_ON
#define HSE_PLL_ON_72MHz
//#define HSE_PLL_ON_48MHz
//#define HSE_PLL_ON_36MHz
//#define HSE_PLL_ON_24MHz
//#define HSE_PLL_ON_16MHz
//#define HSE_PLL_OFF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com