Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMX9820ASM Datasheet(PDF) 16 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMX9820ASM
Description  Bluetooth Serial Port Module
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMX9820ASM Datasheet(HTML) 16 Page - National Semiconductor (TI)

Back Button LMX9820ASM Datasheet HTML 12Page - National Semiconductor (TI) LMX9820ASM Datasheet HTML 13Page - National Semiconductor (TI) LMX9820ASM Datasheet HTML 14Page - National Semiconductor (TI) LMX9820ASM Datasheet HTML 15Page - National Semiconductor (TI) LMX9820ASM Datasheet HTML 16Page - National Semiconductor (TI) LMX9820ASM Datasheet HTML 17Page - National Semiconductor (TI) LMX9820ASM Datasheet HTML 18Page - National Semiconductor (TI) LMX9820ASM Datasheet HTML 19Page - National Semiconductor (TI) LMX9820ASM Datasheet HTML 20Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 44 page
background image
www.national.com
16
Revision 1.0
7.0 Functional Description (Continued)
7.5 AUDIO PORT
Advanced Audio Interface
The Advanced Audio Interface (AAI) is an advanced ver-
sion of the Synchronous Serial Interface (SSI) that pro-
vides a full-duplex communications port to a variety of
industry-standard 13/14/15/16-bit linear or 8-bit log PCM
codecs, DSPs, and other serial audio devices.
The LMX9820A allows the support for one codec. The
firmware selects the desired audio path and interface con-
figuration by a parameter stored in NVS. The audio path
options include the Motorola MC145483 codec, the OKI
MSM7717 codec through the AAI, or no audio.
Table 20 summarizes the audio path selection and the con-
figuration of the audio interface at the specific mode.
Table 20. Audio Path Configuration
Audio Path
Format
AAI Bit Clock
AAI Frame Clock
AAI Frame Sync
Pulse Length
Motorola MC1454831
13-bit linear
480 kHz
8 kHz
13 bits
OKI MSM7717
8-bit log PCM
(A-law only)
120 kHz
8 kHz
14 bits
1.
Due to internal clock divider limitations, the optimum of 512 kHz, 8 kHz cannot be reached. The values are set to the
best possible values. The clock mismatch does not result in any discernible loss in audio quality.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com