Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMX9820ASM Datasheet(PDF) 7 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMX9820ASM
Description  Bluetooth Serial Port Module
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMX9820ASM Datasheet(HTML) 7 Page - National Semiconductor (TI)

Back Button LMX9820ASM Datasheet HTML 3Page - National Semiconductor (TI) LMX9820ASM Datasheet HTML 4Page - National Semiconductor (TI) LMX9820ASM Datasheet HTML 5Page - National Semiconductor (TI) LMX9820ASM Datasheet HTML 6Page - National Semiconductor (TI) LMX9820ASM Datasheet HTML 7Page - National Semiconductor (TI) LMX9820ASM Datasheet HTML 8Page - National Semiconductor (TI) LMX9820ASM Datasheet HTML 9Page - National Semiconductor (TI) LMX9820ASM Datasheet HTML 10Page - National Semiconductor (TI) LMX9820ASM Datasheet HTML 11Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 44 page
background image
Revision 1.0
7
www.national.com
5.0 Pad Descriptions (Continued)
1.
Treat as no connect. Pad required for mechanical stability.
Table 8. Power, Ground, and No Connect Signals
Pad Name
Pad
Location
Direction
Description
NC
A1, A2, A3, A4, A5,
A6, A7, A9, B1, C1,
D1, D13, E1, E13,
F1, G1, G7, H1, H4,
J1, J3, J6, J7, J9,
J10, J11
No Connect
No Connect. Pad required for mechanical stability.
RF GND 1
B2, B3, B4, B5, B6,
B7, C2, C3, C4, C5,
C6, C7, D2, D3, D4,
D5, D6, D7, E2, E3,
E4, E5, E6, E7, F2,
F3, F4, F5, F6, F7,
G2, G3, G4, G5,
G6, H5, H6, H7, H9,
H10, H11
Input
Radio System Ground. Must be connected to RF
Ground plane. Thermal relief required for proper solder-
ing.
Dig_gnd_1 1
D12
Input
Digital Ground
Dig_gnd_2 1
G11
Input
Digital Ground
VCC
H2
Input
2.85V to 3.6V Input for Internal Power Supply Regula-
tors
VDD_ANA_OUT
J2
Output
Voltage Regulator Output/Power Supply for Analog
Circuitry. If not used, place pad and do not connect to
VCC or Ground.
VDD_DIG_OUT
J5
Output
Voltage Regulator Output/Power Supply for Digital
Circuitry. If not used, place pad and do not connect to
VCC or Ground.
VDD_DIG_PWR_D#
J4
Input
Power Down for the Internal Power Supply Regulator
for the Digital Circuitry. Place pad and do not connect to
VCC or Ground.
1.
Connect RF GND, Dig_gnd_1, and Dig_gnd_2 to a single ground plane.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com