Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMX9820ASM Datasheet(PDF) 6 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMX9820ASM
Description  Bluetooth Serial Port Module
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMX9820ASM Datasheet(HTML) 6 Page - National Semiconductor (TI)

Back Button LMX9820ASM Datasheet HTML 2Page - National Semiconductor (TI) LMX9820ASM Datasheet HTML 3Page - National Semiconductor (TI) LMX9820ASM Datasheet HTML 4Page - National Semiconductor (TI) LMX9820ASM Datasheet HTML 5Page - National Semiconductor (TI) LMX9820ASM Datasheet HTML 6Page - National Semiconductor (TI) LMX9820ASM Datasheet HTML 7Page - National Semiconductor (TI) LMX9820ASM Datasheet HTML 8Page - National Semiconductor (TI) LMX9820ASM Datasheet HTML 9Page - National Semiconductor (TI) LMX9820ASM Datasheet HTML 10Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 44 page
background image
www.national.com
6
Revision 1.0
5.0 Pad Descriptions (Continued)
Table 5. Auxiliary Ports Interface Signals
Pad Name
Pad
Location
Direction
Description
IOVCC
H12
Input
2.85V to 3.6V Logic Threshold Program Input.
Reset_b#
G8
Input
Reset for Smart Radio. Connect to Reset_5100.
Reset_5100#
D11
Input
Reset for Baseband processor. Low active, either connect to host or
use pull-up with max. 1K
Ω resistor.
Lstat_0
E8
Output
Link Status Bit 0
Lstat_1
F8
Output
Link Status Bit 1
Host_wu
F9
Output
Host Wakeup
Env0
E9
Input
Module Operating Environment Bit 0
Env1
B11
Input
Module Operating Environment Bit 1
TX_Switch_P
H3
Output
Transceiver Status. 0 = Receive; 1 = Transmit.
Table 6. Audio Port Interface Signals
Pad Name
Pad
Location
Direction
Description
AAI_srd
B10
Input
Advanced Audio Interface Receive Data Input 1
AAI_std
B12
Output
Advanced Audio Interface Transmit Data Output 1
AAI_sfs
C11
Input/Output
Advanced Audio Interface Frame Synchronization 1
AAI_sclk
C12
Input/Output
Advanced Audio Interface Clock 1
1.
Treat as no connect if not used. Pad required for mechanical stability.
Table 7. Test Interface Signals
Pad Name
Pad
Location
Direction
Description
J_rdy
E10
Output
JTAG Ready 1
J_tdi
F10
Input
JTAG Test Data 1
J_tdo
F11
Input/Output
JTAG Test Data 1
J_tms
G9
Input/Output
JTAG Test Mode Select 1
J_tck
G10
Input
JTAG Test Clock 1
PI1_RFCE_TP11
A8
Test Pin
Module Test Point 1
PI2_TP12
A13
Test Pin
Module Test Point 1
Tx_rx_data
C8
Test Pin
Module Test Point 1
Tx_rx_synch
A10
Test Pin
Module Test Point 1
CCB_Clock
A11
Test Pin
Module Test Point 1
CCB_data
D8
Test Pin
Module Test Point 1
CCB_latch
J12
Test Pin
Module Test Point 1
BBCLK
A12
Test Pin
Module Test Point 1
PH3_TP9
F13
Test Pin
Module Test Point 1
PH2_TP8
G13
Test Pin
Module Test Point 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com