Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMX9820ASM Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMX9820ASM
Description  Bluetooth Serial Port Module
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMX9820ASM Datasheet(HTML) 2 Page - National Semiconductor (TI)

  LMX9820ASM Datasheet HTML 1Page - National Semiconductor (TI) LMX9820ASM Datasheet HTML 2Page - National Semiconductor (TI) LMX9820ASM Datasheet HTML 3Page - National Semiconductor (TI) LMX9820ASM Datasheet HTML 4Page - National Semiconductor (TI) LMX9820ASM Datasheet HTML 5Page - National Semiconductor (TI) LMX9820ASM Datasheet HTML 6Page - National Semiconductor (TI) LMX9820ASM Datasheet HTML 7Page - National Semiconductor (TI) LMX9820ASM Datasheet HTML 8Page - National Semiconductor (TI) LMX9820ASM Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 44 page
background image
www.national.com
2
Revision 1.0
3.0 Features
■ Bluetooth version 1.1 qualified
■ Implemented in CMOS technology on FR4 substrate
■ Temperature Range: -40°C to +85°C
■ FCC certified on LMX9820ADONGLE,
FCC ID ED9LMX9820ASM.
3.1 DIGITAL HARDWARE
■ Baseband and Link Management processors
■ CompactRISC Core
■ Integrated Memory:
–Flash
–RAM
■ UART Command/Data Port:
– Support for up to 921.6k baud rate
■ Auxiliary Host Interface Ports:
– Link Status
– Transceiver Status (Tx or Rx)
– Operating Environment Control:
– Default Bluetooth mode
– In System Programming (ISP) mode
■ Advanced Power Management (APM) features
■ Advanced Audio Interface for external PCM codec
3.2 FIRMWARE
■ Complete Bluetooth Stack including:
– Baseband and Link Manager
– L2CAP, RFCOMM, SDP
–Profiles:
–GAP
–SDAP
– SPP
■ Additional Profile support on host for any SPP based
profile, like
– Dial Up Networking (DUN)
– Facsimile Profile (FAX)
– File Transfer Protocol (FTP)
– Object Push Profile (OPP)
– Headset (HSP)
– Handsfree Profile (HFP)
■ On-chip application support including:
– Command Interface:
– Link setup and configuration (also Multipoint)
– Configuration of the module
– In-System Programming (ISP)
– Service database modifications
– Default connections
– UART Transparent mode
– Different Operation modes:
– Automatic mode
– Command mode
3.3 DIGITAL SMART RADIO
■ Accepts external clock or crystal input:
– 12 MHz
– 20 ppm cumulative clock error required for Bluetooth
■ Synthesizer:
– Integrated VCO and loop filter
– Provides all clocking for radio and baseband func-
tions
■ Antenna Port (50 ohms nominal impedance):
– Embedded front-end filter for enhanced out of band
performance
■ Integrated transmit/receive switch (full-duplex operation
via antenna port)
■ Typical -81 dBm input sensitivity
■ 0 dBm typical output power
3.4 PHYSICAL DIMENSIONS
■ Compact size: 10.1mm x 14.1mm x 2.0mm
■ Complete system interface provided in Land Grid Array
on underside for surface-mount assembly
■ Metal shield included
Figure 1. Physical Illustration



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com