Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMX9820ASM Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMX9820ASM
Description  Bluetooth Serial Port Module
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMX9820ASM Datasheet(HTML) 4 Page - National Semiconductor (TI)

  LMX9820ASM Datasheet HTML 1Page - National Semiconductor (TI) LMX9820ASM Datasheet HTML 2Page - National Semiconductor (TI) LMX9820ASM Datasheet HTML 3Page - National Semiconductor (TI) LMX9820ASM Datasheet HTML 4Page - National Semiconductor (TI) LMX9820ASM Datasheet HTML 5Page - National Semiconductor (TI) LMX9820ASM Datasheet HTML 6Page - National Semiconductor (TI) LMX9820ASM Datasheet HTML 7Page - National Semiconductor (TI) LMX9820ASM Datasheet HTML 8Page - National Semiconductor (TI) LMX9820ASM Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 44 page
background image
www.national.com
4
Revision 1.0
4.0 Connection Diagram
Figure 2. Connection Diagram
NC
NC
NC
NC
NC
NC
NC
PI1_
NC
Tx_rx_
CCB_
BBCLK
PI2_TP12
NC
RF GND
RF GND
RF GND
RF GND
RF GND
RF GND
Clk-
Clk+
AAI_srd
Env1
AAI_std
32kHz_CLKI
NC
RF GND
RF GND
RF GND
RF GND
RF GND
RF GND
Tx_rx_
Uart_rx
Uart_rts#
AAI_sfs
AAI_sclk
32kHz_CLKO
NC
RF GND
RF GND
RF GND
RF GND
RF GND
RF GND
CCB_data
Uart_tx
Uart_cts#
Reset_
Dig_gnd_1
NC
NC
RF GND
RF GND
RF GND
RF GND
RF GND
RF GND
Lstat_0
Env0
J_rdy
USB_D+
USB_D-
NC
NC
RF GND
RF GND
RF GND
RF GND
RF GND
RF GND
Lstat_1
Host_wu
J_tdi
J_tdo
USB_VCC PH3_TP9
NC
RF GND
RF GND
RF GND
RF GND
RF GND
NC
Reset_b#
J_tms
J_tck
Dig_gnd_2 USB_Gnd PH2_TP8
NC
VCC
TX_
NC
RF GNDRF GNDRF GND
RF_inout
RF GNDRF GNDRF GND
IOVCC
ISEL2
NC
VDD_ANA_OUT
VDD_DIG_PWR_D#
VDD_DIG_OUT
NC
NC
NC
NC
NC
NC
CCB_
ISEL1
A
B
C
D
E
F
G
H
J
1234
5678
9
10
11
12
13
RF_CE_TP11
synch
Clock
data
5100#
Switch_P
latch
X-Ray (Top View)
Table 1. Ordering Information
Order Number
Shipment Method
LMX9820ASM
Tape & Reel 250 pcs
LMX9820ASMX
Tape & Reel 2000 pcs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com