Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VR13 Datasheet(PDF) 3 Page - Infineon Technologies AG

Part # VR13
Description  VR13 and VR12.5 Multi-rail / Multiphase Digital Controllers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

VR13 Datasheet(HTML) 3 Page - Infineon Technologies AG

  VR13 Datasheet HTML 1Page - Infineon Technologies AG VR13 Datasheet HTML 2Page - Infineon Technologies AG VR13 Datasheet HTML 3Page - Infineon Technologies AG VR13 Datasheet HTML 4Page - Infineon Technologies AG VR13 Datasheet HTML 5Page - Infineon Technologies AG VR13 Datasheet HTML 6Page - Infineon Technologies AG VR13 Datasheet HTML 7Page - Infineon Technologies AG VR13 Datasheet HTML 8Page - Infineon Technologies AG VR13 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
Enterprise / Memory Lines
PDS-PXE1-PXM1-C-001A
3
Absolute Maximum Ratings
Subjecting the controller to stresses above those listed in Table 3 may cause permanent damage to the device.
These are absolute stress ratings only and operation of the device is not implied or recommended at these or any
other conditions in excess of those given in the operational sections of this specification. Exposure to the absolute
maximum ratings for extended periods may adversely affect the operation and reliability of the device.
Table 3
: Absolute Maximum Ratings
Symbol
Description
Min
Max
Units
Conditions
VDD
Supply voltage
-0.3
4
V
Note A
VCLK, VDIO, VALRT#
-0.3
1.35
V
AVSEN, BVSEN, CVSEN
-0.3
3.7
V
Do not exceed VDD + 0.2V
AVREF, BVREF, CVREF
-0.3
0.5
V
ISENx, IREFx
DCR current sense
-0.3
3.7
V
Do not exceed VDD + 0.2V
Integrated current sense
-0.3
2.0
V
VD12
-1
1
mA
Do not drive or load this pin
All other pins
-0.30
4*
V
Note A, Note B
TJ
Junction temperature
-40
125
C
TSTG
Storage temperature
-65
150
C
TLEAD
Lead temperature
300
C
Soldering, 10 seconds
Note A: The absolute maximum VDD supply voltage is 4.0V with the conditions that the junction temperature range is maintained
between -40C ≤ TJ ≤ +125C and the product is not operated at the absolute maximum VDD supply voltage for more than 24
hours cumulatively over the lifetime of the product.
Note B: *The lesser of 4V or VDD+0.2V; outputs in Hi-Z state
Recommended Operating Conditions
Table 4
: Recommended Operating Conditions
Symbol
Description
Min
Nom
Max
Units
Notes
VDD
Supply voltage
+3.0
+3.3
+3.6
V
TA
Ambient temperature range
-5
25
85
C
Applicable to “PX…CDM” and
“PX…CDN” devices only
TJ
Junction temperature
-40
25
125
C
Applicable to “PX…CPM” and
“PX…CPN” devices only
Table 5: Temperature Information
Symbol
Description
6mm x 6mm QFN
5mm x 5mm QFN
JA(0)
Junction-to-ambient thermal resistance at 0 lfm
30.3
C/W
28.4
C/W
JA(200)
Junction-to-ambient thermal resistance at 200 lfm
26.2
C/W
25.1
C/W
JA(500)
Junction-to-ambient thermal resistance at 500 lfm
23.4
C/W
22.8
C/W
JC
Junction-to-case thermal resistance
2.8
C/W
2.8
C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com