Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VR13 Datasheet(PDF) 6 Page - Infineon Technologies AG

Part # VR13
Description  VR13 and VR12.5 Multi-rail / Multiphase Digital Controllers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

VR13 Datasheet(HTML) 6 Page - Infineon Technologies AG

Back Button VR13 Datasheet HTML 2Page - Infineon Technologies AG VR13 Datasheet HTML 3Page - Infineon Technologies AG VR13 Datasheet HTML 4Page - Infineon Technologies AG VR13 Datasheet HTML 5Page - Infineon Technologies AG VR13 Datasheet HTML 6Page - Infineon Technologies AG VR13 Datasheet HTML 7Page - Infineon Technologies AG VR13 Datasheet HTML 8Page - Infineon Technologies AG VR13 Datasheet HTML 9Page - Infineon Technologies AG VR13 Datasheet HTML 10Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
PXE1610C
PDS-PXE1-PXM1-C-001A
6
Pin #
Name
I/O
Type
Description
35
BVSEN
I
Analog
Loop_B voltage sense inputs. Refer to AVSEN/AVREF description. If
unused, these pins may be grounded or left open.
36
BVREF
I
Analog
37
BIREF1
I
Analog
Loop_B current sense inputs. Refer to AIREF1/AISEN1 description. If
Loop_B is not used, these pins may be left open/grounded.
38
BISEN1
I
Analog
39
MP3
I/O
Note D
Multi-purpose pin-3 configurable as FAULT2 or SMBAlert#; Note C. Note F
40
MP4
I/O
Note D
Multi-purpose pin-4 configurable as FAULT2 or SMBAlert#; Note C. Note F
41
XADDR2
I
Analog
Used in conjunction with XADDR1, the I2C address of the controller is set by
tying an external resistor between this pin and GND.
42
BTSEN
I
Analog
Loop_B external temperature sense input. Refer to ATSEN description.
43
ATSEN
I
Analog
Loop_A external temperature sense input. If the digital controllers
’ internal
temperature sensor is selected and/or the external temperature reporting is
not required, the ATSEN pin may be left open (floating).
44
XADDR1
I
Analog
Used in conjunction with XADDR2, the I2C address of the controller is set by
tying an external resistor between this pin and GND.
45
VINSEN
I
Analog
VIN (+12V) voltage sense input. The VINSEN pin may be connected to the
+12V supply through a resistor divider, or to the PI sense network and is
used to guarantee a valid input voltage before starting up (input under-
voltage lockout). Refer to the Power Input Sense section herein for details. If
unused, this pin may be grounded.
46
IINSEN
I
Analog
Current sense input used for PWR_IN calculation. An external amplifier or
the PI sense network may be used to translate current information from a
precision sense resistor to an input signal for the controller. Refer to the
Power Input Sense section herein for details. If unused, this pin may be
grounded.
47
VDD
S
supply
3.3V power supply input to the digital controller. This pin should be
connected to the system +3.3V supply and decoupled using high quality
1.0μF + 0.1μF ceramic capacitors.
48
VD12
S
Internal
Supply
Do not apply voltage to or ground this pin. Internally generated 1.2V voltage
reference used to power digital core logic. The pin is provided for attaching
external decoupling capacitors only
. Decouple using high quality 1.0μF +
0.1μF ceramic capacitors. This pin is not intended to be used to drive
external components as +1.2V reference.
Die Paddle
S
Ground
Exposed Ground pad beneath the device must be soldered to the PCB
ground for proper operation.
Note C:
ADREN/BDREN/CDREN = Loop_A/B/C Driver Enable. BVRRDY/CVRRDY = Loop_B/C VR Ready. BVREN/CVREN = Loop_B/C VR
Enable. LPM = Low Power Mode. PXE1xxxC is pin-to-pin compatible with PXE1xxxB with equivalent, improved, or expanded
capability.
Note D: Programmable: depending on the selected function, the MPx pin may be programmed to 3.3V CMOS, Open Drain, or Analog.
Note E:
If the SVID interface is not used, the pins need to be tied together and pulled-up to VD12 through a 1K resistor.
Note F:
During device power up, this pin will be internally shorted to GND for a maximum of 21 ms. If the pin is configured for use as a
digital input to the controller, it is recommended a 200current limiting resistor be connected in series between the pin and the
signal source.
Note G: There is no internal biasing on AVREN. This pin must not be left open.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com