Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VR13 Datasheet(PDF) 10 Page - Infineon Technologies AG

Part # VR13
Description  VR13 and VR12.5 Multi-rail / Multiphase Digital Controllers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

VR13 Datasheet(HTML) 10 Page - Infineon Technologies AG

Back Button VR13 Datasheet HTML 6Page - Infineon Technologies AG VR13 Datasheet HTML 7Page - Infineon Technologies AG VR13 Datasheet HTML 8Page - Infineon Technologies AG VR13 Datasheet HTML 9Page - Infineon Technologies AG VR13 Datasheet HTML 10Page - Infineon Technologies AG VR13 Datasheet HTML 11Page - Infineon Technologies AG VR13 Datasheet HTML 12Page - Infineon Technologies AG VR13 Datasheet HTML 13Page - Infineon Technologies AG VR13 Datasheet HTML 14Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
Enterprise / Memory Line
PDS-PXE1-PXM1-C-001A
10
PXM1310 General Description
The PXM1310 digital dual rail 3+1 phase controller provides power for Intel® VR13 memory applications. One output
voltage is provided by a 3-phase buck converter operating with up to three synchronous-rectified channels in
parallel while a single-phase buck converter provides voltage for the VPP rail.
Package Pin Designations
Table 8: PXM1310 Pin Descriptions
Pin #
Name
I/O
Type
Description
1
BPWM1
O
3.3V CMOS
Loop_B PWM output. Refer to APWM1 description.
2
DNC
Do not connect (leave floating).
3
APWM3
O
3.3V CMOS
Loop_A phase #3 PWM output. Refer to APWM1 description.
4
APWM2
O
3.3V CMOS
Loop_A phase #2 PWM output. Refer to APWM1 description.
5
APWM1
O
3.3V CMOS
Loop_A phase #1 Pulse Width Modulation (PWM) output. This signal is used
to drive the PWM input of the power stage/FET driver IC. Unused PWM pins
should be left unconnected (floating).
6
SDA
I/O
Open Drain
SMBus/I2C bi-directional serial data signal.
7
SCL
I/O
Open Drain
SMBus/I2C bi-directional serial clock signal.
8
RESET#
I
3.3V CMOS
RESET# feature allows controller to be put into lowest power dissipation
mode. This pin may be left floating if unused but it is recommended that a
1kΩ pull up to 3.3V be used if this signal is connected to a trace on the board.
9
AVRRDY
O
Open Drain
Voltage regulator “Ready” output signal. The AVRRDY indicator will be
asserted when the controller is ready to accept SVID commands after
AVREN is asserted. This open-drain output requires an external pull-up
resistor (1kΩ recommended). AVRRDY will be pulled low when a shutdown
fault occurs.
PXM1310
20
19
18
17
16
15
14
13
12
11
31
32
33
34
35
36
37
38
39
40
VD12
VDD
IINSEN
VINSEN
XADDR1
ATSEN
BTSEN
XADDR2
BISEN1
BIREF1
VRHOT#
PINALRT#
MP0
MP1
VCLK
VDIO
VALRT#
MP2
AVSEN
AVREF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com