Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VR13 Datasheet(PDF) 1 Page - Infineon Technologies AG

Part # VR13
Description  VR13 and VR12.5 Multi-rail / Multiphase Digital Controllers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

VR13 Datasheet(HTML) 1 Page - Infineon Technologies AG

  VR13 Datasheet HTML 1Page - Infineon Technologies AG VR13 Datasheet HTML 2Page - Infineon Technologies AG VR13 Datasheet HTML 3Page - Infineon Technologies AG VR13 Datasheet HTML 4Page - Infineon Technologies AG VR13 Datasheet HTML 5Page - Infineon Technologies AG VR13 Datasheet HTML 6Page - Infineon Technologies AG VR13 Datasheet HTML 7Page - Infineon Technologies AG VR13 Datasheet HTML 8Page - Infineon Technologies AG VR13 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
VR13 and VR12.5 Multi-rail / Multiphase Digital Controllers
Enterprise / Memory Lines
PDS-PXE1-PXM1-C-001A
1
Enterprise Line Applications
Enterprise Line Description
 Vcore power regulation for Intel® VR13 rev1.1 and VR12.5
Rev1.5 based Microprocessors
The Infineon Technologies enterprise digital controllers
provide power for Intel® VR13 and VR12.5 applications.
Command and monitor functions are controlled through
the SVID interface which supports 5mV/step and
10mV/step VID tables, dynamic voltage identification
(DVID), power states (PS), and VR Data & Configuration
Register requirements.
Advanced control loop features, such as Active Transient
Response (ATR) modulation and fast DVID response
enable optimal response to high di/dt load transients and
large voltage steps.
Programmable temperature compensation to current
sense allows the designer to tailor the response for best
loadline accuracy over temperature. Best in class noise
immunity is achieved through high oversample rate and
digital current estimation. Along with inductor DCR
current sensing, enterprise controllers also support
Infineon integrated power stages with integrated current
sense and integrated temperature sense. Enterprise
controllers support either ΔVBE or PTAT temperature
sensors which provide accurate loadline performance.
Protection features include a comprehensive suite of
sophisticated
over-voltage,
under-voltage,
over-
temperature, and over-current protections. Enterprise
controllers also detect and protect against an open or
short circuit on the remote sensing inputs. These
attributes provide a complete and advanced protection
feature set for microprocessor and power systems.
 Servers, Workstations, and High-end desktops
Enterprise Line Features
 Compliant to Intel® VR13 and VR12.5 DC-DC converter
specifications
 Compliant to Intel® SVID protocol rev1.7
 Output voltage regulation range
 0.5V to 2.5V (10mV/step)
 0.25V to 1.52V (5mV/step)
 Programmable to support one, two, or three fully digitally
controlled voltage rails
 PMBus™ rev 1.2 compliant serial interface
 Query voltage, current, temperature faults
 Fault Response
 Supports start-up into pre-bias voltage
 Configurable autonomous phase add/drop
 Digitally programmable PID loop compensation
 Digitally programmable loadline slope and offset
 Digital temperature compensation
 Input (+12V) power estimation
 Extensive fault detection and protection capability
 IUVP, IOVP, OUVP, OOVP (fixed and tracking)
 OCP instantaneous, averaged (total current), channel, and
pulse-to-pulse current limit protection
 Multiple internal and external OTP thresholds
 Open/short voltage sense line detection
 Negative current limit protection
 Internal non-volatile memory (NVM) for custom configurations
 Combined state-machine and µ-controller core architecture for
maximum flexibility
 RoHS compliant and Halogen free QFN plastic package
Table 1
: Enterprise Controller Offerings
Part Number
Configuration
Temp Range
Package
Page
PXE1610CDN
6+1 phase
-5C to +85C
48-lead 6mm x 6mm QFN, PG-VQFN-48
4
PXE1110CDM
1+1 phase
-5C to +85C
40-lead 5mm x 5mm QFN PG-VQFN-40
7


Similar Part No. - VR13

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
VR1 CDE-VR1 Datasheet
490Kb / 3P
Type VR Vertical Mounting Clamp, Type TH Horizontal Mounting Clip
logo
Pentair plc. All rights...
VR1 PENTAIR-VR1 Datasheet
455Kb / 8P
GRINDER PUMPS
logo
Cornell Dubilier Electr...
VR10 CDE-VR10 Datasheet
490Kb / 3P
Type VR Vertical Mounting Clamp, Type TH Horizontal Mounting Clip
logo
ZKTECO CO., LTD. All ri...
VR10 ZKTECO-VR10 Datasheet
1Mb / 2P
Radar for the Parking Barrier Parameter Settings with an App
V1.0 2021.05.10
logo
List of Unclassifed Man...
VR1000 ETC1-VR1000 Datasheet
72Kb / 2P
AM VIDEO MINI TRANSMITTER-DIRECT CAMERA MOUNT
More results

Similar Description - VR13

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1887 MAXIM-MAX1887 Datasheet
1,018Kb / 33P
Quick-PWM Slave Controllers for Multiphase, Step-Down
Rev 1; 9/02
logo
Intersil Corporation
ISL6592 INTERSIL-ISL6592 Datasheet
378Kb / 21P
6-Phase Digital Multiphase Controller
August 5, 2005
ISL6595 INTERSIL-ISL6595 Datasheet
294Kb / 22P
Digital Multiphase Controller
December 4, 2008
logo
Omron Electronics LLC
E53-CN03N2 OMRON-E53-CN03N2 Datasheet
5Mb / 72P
Digital Temperature Controllers/Digital Controllers
logo
Microchip Technology
DSPIC33EP256GP506-I MICROCHIP-DSPIC33EP256GP506-I Datasheet
9Mb / 510P
16-bit Microcontrollers and Digital Signal Controllers
11/29/11
logo
Monolithic Power System...
MP2953B MPS-MP2953B Datasheet
2Mb / 30P
Digital Multi-Phase Controller with PMBus Interface for VR12.5
logo
Renesas Technology Corp
ISL69158 RENESAS-ISL69158 Datasheet
236Kb / 2P
Digital Dual Output, 7-Phase Configurable, VR13/VR13.HC/IMVP8 PWM Controller
logo
Texas Instruments
TPS53688 TI1-TPS53688 Datasheet
200Kb / 8P
TPS53688 Dual-Channel (N M ??8 phase) D-CAP?? Step-Down, Digital Multiphase Controller with VR13.HC SVID
logo
Renesas Technology Corp
ISL69125 RENESAS-ISL69125 Datasheet
181Kb / 2P
Digital Dual Output, 4-Phase Configurable, VR13 PWM Controller
Jan 4, 2018
ISL95812 RENESAS-ISL95812 Datasheet
178Kb / 2P
Multiphase PWM Regulator for VR12.5, VR12.6 and VR12.6 CPUs
March 5, 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com