Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VR13 Datasheet(PDF) 8 Page - Infineon Technologies AG

Part # VR13
Description  VR13 and VR12.5 Multi-rail / Multiphase Digital Controllers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

VR13 Datasheet(HTML) 8 Page - Infineon Technologies AG

Back Button VR13 Datasheet HTML 4Page - Infineon Technologies AG VR13 Datasheet HTML 5Page - Infineon Technologies AG VR13 Datasheet HTML 6Page - Infineon Technologies AG VR13 Datasheet HTML 7Page - Infineon Technologies AG VR13 Datasheet HTML 8Page - Infineon Technologies AG VR13 Datasheet HTML 9Page - Infineon Technologies AG VR13 Datasheet HTML 10Page - Infineon Technologies AG VR13 Datasheet HTML 11Page - Infineon Technologies AG VR13 Datasheet HTML 12Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
PXE1110C
PDS-PXE1-PXM1-C-001A
8
Pin #
Name
I/O
Type
Description
10
AVREN
I
1.2V CMOS
Note G
Active high Output Enable input. Asserting the AVREN pin will activate the
digital controller, pending status of the internal power-on-reset circuit and
any existing fault states. De-asserting then asserting AVREN after a
latched-fault based shutdown will cause the controller to enter the soft-
start state. Faults will be cleared when AVREN is reasserted.
11
VRHOT#
O
Open Drain
Active low external temperature indicator. VRHOT# is asserted at the
temperature defined by the programmable TEMP_MAX register.
12
PINALRT#
O
Open Drain
Active low external input supply power alert. PINALRT# is asserted when
the input power reaches the threshold defined by the programmable
PIN_MAX register. Unused PINALRT# may be left open.
13
MP0
I/O
Note D
Multi-purpose pin-0 configurable as BVRRDY, FAULT1, FAULT2,
ADREN, BDREN, or LPM. Unused MP pins may be left open. Note F
14
MP1
I/O
Note D
Multi-purpose pin-1 configurable as BVREN, BVRRDY, FAULT1,
FAULT2, ADREN, BDREN, or SMBAlert#. Note F
15
VCLK
I
1.2V CMOS
SVID clock interface. Note E
16
VDIO
I/O
Open Drain
SVID bi-directional data interface. Note E
17
VALRT#
O
Open Drain
SVID active low ALERT# signal. This output is asserted to indicate the
status of the VR has changed. Note E
18
MP2
I/O
Note D
Multi-purpose pin-2 configurable as FAULT2, SMBAlert#, or IMON. Note
F
19
AVSEN
I
Analog
Loop_A voltage sense inputs. AVSEN (+) and AVREF (-) are inputs to the
precision differential remote sense amplifier and should be connected to
the sense pins of the remote load. To attenuate high frequency noise
coupled onto the sense lines, it is recommended that an RC filter (10Ω
and 220pF) be placed close to the controller.
20
AVREF
I
Analog
21
AIREF1
I
Analog
Loop_A phase #1 current sense inputs. The AIREF1 (-) and AISEN1 (+)
pins are used to differentially sense the corresponding channel current.
The sensed current is used for channel-to-channel current balancing,
loadline regulation, and over-current protection. Unused AIREFx/AISENx
pins may be left open or tied to ground.
22
AISEN1
I
Analog
23
GND
Tie pin directly to GND (no internal connection to GND).
24
DNC
Do not connect (leave floating).
25
BIREF1
I
Analog
Loop_B current sense inputs. Refer to AIREF1/AISEN1 description. If
Loop_B is not used, these pins may be left open/grounded.
26
BISEN1
I
Analog
27
GND
Tie pin directly to GND (no internal connection to GND).
28
DNC
Do not connect (leave floating).
29
BVSEN
I
Analog
Loop_B voltage sense inputs. Refer to AVSEN/AVREF description.
30
BVREF
I
Analog
31
MP3
I/O
Note D
Multi-purpose pin-3 configurable as FAULT2 or SMBAlert#. Note F
32
MP4
I/O
Note D
Multi-purpose pin-4 configurable as FAULT1 or SMBAlert#. Note F
33
XADDR2
I
Analog
Used in conjunction with XADDR1, the I2C address of the controller is set
by tying an external resistor between this pin and GND.
34
BTSEN
I
Analog
Loop_B external temperature sense input. Refer to ATSEN description.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com