Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HM5213 Datasheet(PDF) 4 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Part # HM5213
Description  2 Channel 5.5V 1.5A 1.5MHz DC-DC Step down PMU
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

HM5213 Datasheet(HTML) 4 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

  HM5213 Datasheet HTML 1Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5213 Datasheet HTML 2Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5213 Datasheet HTML 3Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5213 Datasheet HTML 4Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5213 Datasheet HTML 5Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5213 Datasheet HTML 6Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5213 Datasheet HTML 7Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5213 Datasheet HTML 8Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5213 Datasheet HTML 9Page - Shenzhen Huazhimei Semiconductor Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
2 Channel 5.5V 1.5A 1.5MHz DC-DC Step down PMU
Typical Performance Characteristics (4) (5)
Note (4): Performance waveforms are tested on the evaluation board.
Note (5): VIN =5V, VOUT=1.0V and 1.8V, TA = +25ºC, unless otherwise noted.
Efficiency VS Load Current
Load Regulation
VIN=5V, VOUT = 1.8V and 1.0V
VIN=5V, VOUT = 1.8V and 1.0V
CH1 Line Regulation
CH2 Line Regulation
VOUT = 1.8V
VOUT = 1.0V
CH1 Output Ripple Voltage
CH2 Output Ripple Voltage
VIN = 3.3V, VOUT = 1.8V, IOUT = 1.2A
VIN = 3.3V, VOUT = 1.0V, IOUT = 1.2A
HM5213



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com