Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HM5213 Datasheet(PDF) 9 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Part # HM5213
Description  2 Channel 5.5V 1.5A 1.5MHz DC-DC Step down PMU
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

HM5213 Datasheet(HTML) 9 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Back Button HM5213 Datasheet HTML 4Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5213 Datasheet HTML 5Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5213 Datasheet HTML 6Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5213 Datasheet HTML 7Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5213 Datasheet HTML 8Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5213 Datasheet HTML 9Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5213 Datasheet HTML 10Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5213 Datasheet HTML 11Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5213 Datasheet HTML 12Page - Shenzhen Huazhimei Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
2 Channel 5.5V 1.5A 1.5MHz DC-DC Step down PMU
���������������������������� =
���� × (������������ − ����������������)
���� × ��������
���� =
����������������
������������ × ������������
where
•
ISAT
: Inductor saturation current at operating temperature
•
ILPEAK
: Peak inductor current during worst case conditions
•
IOUTMAX
: Maximum average inductor current
•
IRIPPLE
: Peak-to-Peak inductor current
•
VOUT
: Output voltage
•
VIN
: Input voltage
•
L
: Inductor value in Henries at IOUTMAX
•
FS
: Switching frequency, Hertz
•
D
: Estimated duty factor
•
EFF
: Estimated power supply efficiency
ISAT
may not be exceeded during any operation, including transients, startup, high temperature, worst case conditions,
etc.
Output and Input Capacitors Characteristics
Special attention should be paid when selecting these components. The DC bias of these capacitors can result in a
capacitance value that falls below the minimum value given in the recommended capacitor specifications table.
The ceramic capacitor’s actual capacitance can vary with temperature. The capacitor type X7R, which operates over
a temperature range of −55°C to +125°C, will only vary the capacitance to within ±15%. The capacitor type X5R
has a similar tolerance over a reduced temperature range of −55°C to +85°C. Many large value ceramic capacitors,
larger than 1uF are manufactured with Z5U or Y5V temperature characteristics. Their capacitance can drop by more
than 50% as the temperature varies from 25°C to 85°C. Therefore X5R or X7R is recommended over Z5U and Y5V
in applications where the ambient temperature will change significantly above or below 25°C.
Tantalum capacitors are less desirable than ceramic for use as output capacitors because they are more expensive
when comparing equivalent capacitance and voltage ratings in the 0.47uF to 44uF range. Another important
consideration is that tantalum capacitors have higher ESR values than equivalent size ceramics. This means that
while it may be possible to find a tantalum capacitor with an ESR value within the stable range, it would have to be
larger in capacitance (which means bigger and more costly) than a ceramic capacitor with the same ESR value. It
should also be noted that the ESR of a typical tantalum will increase about 2:1 as the temperature goes from 25°C
down to −40°C, so some guard band must be allowed.
BUCK Output Capacitor Selection
The output capacitor of a switching converter absorbs the AC ripple current from the inductor and provides the
initial response to a load transient. The ripple voltage at the output of the converter is the product of the ripple
current flowing through the output capacitor and the impedance of the capacitor. The impedance of the capacitor
can be dominated by capacitive, resistive, or inductive elements within the capacitor, depending on the frequency
of the ripple current. Ceramic capacitors have very low ESR and remain capacitive up to high frequencies. Their
inductive component can be usually neglected at the frequency ranges the switcher operates.
The output-filter capacitor smoothest out the current flow from the inductor to the load and helps maintain a steady
output voltage during transient load changes. It also reduces output voltage ripple. These capacitors must be selected
with sufficient capacitance and low enough ESR to perform these functions.
Note that the output voltage ripple increases with the inductor current ripple and the Equivalent Series Resistance
of the output capacitor (ESRCOUT).Also note that the actual value of the capacitor’s ESRCOUT is frequency and
temperature dependent, as specified by its manufacturer. The ESR should be calculated at the applicable switching
frequency and ambient temperature.
HM5213



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com