Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HM5213 Datasheet(PDF) 7 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Part # HM5213
Description  2 Channel 5.5V 1.5A 1.5MHz DC-DC Step down PMU
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

HM5213 Datasheet(HTML) 7 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Back Button HM5213 Datasheet HTML 3Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5213 Datasheet HTML 4Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5213 Datasheet HTML 5Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5213 Datasheet HTML 6Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5213 Datasheet HTML 7Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5213 Datasheet HTML 8Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5213 Datasheet HTML 9Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5213 Datasheet HTML 10Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5213 Datasheet HTML 11Page - Shenzhen Huazhimei Semiconductor Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
2 Channel 5.5V 1.5A 1.5MHz DC-DC Step down PMU
Current Limiting
A current limit feature protects the device and any external components during overload conditions. In PWM mode
the current limiting is implemented by using an internal comparator that trips at current levels according to the buck
capability. If the output is shorted to ground the device enters a timed current limit mode where the NFET is turned
on for a longer duration until the inductor current falls below a low threshold, ensuring inductor current has more
time to decay, thereby preventing runaway.
Under Voltage Lock Out (UVLO)
The VIN voltage is monitored for a supply under voltage condition, for which the operation of the device cannot be
guaranteed. The part will automatically disable PMIC. To prevent unstable operation, the UVLO has a hysteresis
window. An under voltage lockout (UVLO) will disable BUCKs outputs, Once the supply voltage is above the
UVLO hysteresis, the device will initiate a power-up sequence and then enter the active state.
Over Voltage Lock Out (OVLO)
The VIN voltage is monitored for a supply over voltage condition, for which the operation of the device cannot be
guaranteed. The purpose of OVLO is to protect the part and all other components connected to the PMIC outputs
from any damage and malfunction. Once VIN rises over about 6.5V, BUCKs will be disabled automatically. To
prevent unstable operation, the OVLO has a hysteresis window. An over voltage lockout (OVLO) will force the
device into the reset state, Once the supply voltage goes below the OVLO lower threshold, the device will initiate
a power-up sequence and then enter the active state.
Thermal Shutdown (OTP)
The temperature of the silicon die is monitored for an over-temperature condition, for which the operation of the
device cannot be guaranteed. The part will automatically be disabled if the temperature is too high. The thermal
shutdown (OTP) will force the device into the reset state. In reset, all circuitry is disabled. To prevent unstable
operation, the OTP has a hysteresis window of about 20°C. Once the temperature has decreased below the OTP
hysteresis, the device will initiate a power-up sequence and then enter the active state. In the active state, the part
will start up as if for the first time.
Detailed Design Procedure
External Components Selection
HM5213 require an input capacitor, an output capacitor and an inductor. These components are critical to the
performance of the device. HM5213 are internally compensated and do not require external components to achieve
stable operation. The output voltage can be programmed by resistor divider.
���������������� = ������������������������������������ ×
����1 + ����2
����2
Select R1 value around 50kΩ
����2 = ����1 ×
������������������������������������
���������������� − ������������������������������������
Where VFEEDBACK as 0.6V
Output Inductors and Capacitors Selection
There are several design considerations related to the selection of output inductors and capacitors:
•
Load transient response
R1
R2
VOUT
COUT
VFEEDBACK
HM5213



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com