Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HM5213 Datasheet(PDF) 2 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Part # HM5213
Description  2 Channel 5.5V 1.5A 1.5MHz DC-DC Step down PMU
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

HM5213 Datasheet(HTML) 2 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

  HM5213 Datasheet HTML 1Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5213 Datasheet HTML 2Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5213 Datasheet HTML 3Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5213 Datasheet HTML 4Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5213 Datasheet HTML 5Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5213 Datasheet HTML 6Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5213 Datasheet HTML 7Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5213 Datasheet HTML 8Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5213 Datasheet HTML 9Page - Shenzhen Huazhimei Semiconductor Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2 Channel 5.5V 1.5A 1.5MHz DC-DC Step down PMU
PIN Description
Pin Configuration
SW1
3
TOP VIEW
DFN3×3-10
GND1
IN1
FB2
EN2
EN1
FB1
IN2
GND2
SW2
11
GND
(Exposed Pad)
4
5
1
2
8
7
6
10
9
SW1
3
TOP VIEW
DFN3×3-10
GND1
IN1
FB2
EN2
EN1
FB1
IN2
GND2
SW2
11
GND
(Exposed Pad)
4
5
1
2
8
7
6
10
9
Top Marking: 13XXYYLL (device code: 13, XXYY=date code, LL= lot number code)
Pin Description
Item
Name
Function Description
1
EN1
CH1 turns on/turns off control input. Drive EN above 1.5V to turn on the part. Drive
EN below 0.6V to turn it off. In shutdown, Don’t leave this pin floating.
2
FB1
Feedback input of CH1. Connect FB to the center point of the external resistor divider.
The feedback threshold voltage is 0.6V.
3
IN2
Power input pin of CH1. Recommended to use a 10uF MLCC capacitor
between IN2 pin and GND2 pin.
4
GND2
Ground pin of CH2.
5
SW2
Internal MOSFET switching output of CH2. Connect SW2 pin with a low
pass filter circuit to obtain a stable DC output voltage.
6
EN2
CH1 turns on/turns off control input. Drive EN above 1.5V to turn on the part. Drive
EN below 0.6V to turn it off. In shutdown, Don’t leave this pin floating.
7
FB2
Feedback input of CH2. Connect FB to the center point of the external resistor divider.
The feedback threshold voltage is 0.6V.
8
IN1
Power input pin of CH1. Recommended to use a 10uF MLCC capacitor
between IN1 pin and GND1 pin.
9
GND1
Ground pin of CH1.
10
SW1
Internal MOSFET switching output of CH1. Connect SW1 pin with a low
pass filter circuit to obtain a stable DC output voltage.
11
Exposed Pad
The Exposed Pad must be soldered to the ground plane on the PCB.
Order Information
Marking
Part No.
Model
Description
Package
T/R Qty
13XX
YYLL
70302001
HM5213
HM5213 2×Buck, 2.5-5.5V, 1.5A,
1.5MHz, VFB 0.6V, DFN10-3×3
DFN10-3×3 5000
HM5213



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com