Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HM5213 Datasheet(PDF) 8 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Part # HM5213
Description  2 Channel 5.5V 1.5A 1.5MHz DC-DC Step down PMU
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

HM5213 Datasheet(HTML) 8 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Back Button HM5213 Datasheet HTML 4Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5213 Datasheet HTML 5Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5213 Datasheet HTML 6Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5213 Datasheet HTML 7Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5213 Datasheet HTML 8Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5213 Datasheet HTML 9Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5213 Datasheet HTML 10Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5213 Datasheet HTML 11Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5213 Datasheet HTML 12Page - Shenzhen Huazhimei Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
2 Channel 5.5V 1.5A 1.5MHz DC-DC Step down PMU
•
Efficiency
•
Output ripple voltage
•
Over current ruggedness
The device has been optimized for use with nominal LC values as shown in the Application Diagram.
BUCK Power Supply Recommendations
HM5213 are designed to operate from input voltage supply range between 2.5V and 5.5V. This input supply must
be well regulated. If the input supply is located more than a few inches, additional bulk capacitance may be required
in addition to the ceramic bypass capacitors. A ceramic capacitor with a value of 10uF is a typical choice.
VIN must be connected to input capacitors as close as possible.
BUCK Inductor Selection
The recommended inductor values are shown in the Application Diagram. It is important to guarantee the inductor
core does not saturate during any foreseeable operational situation. The inductor should be rated to handle the peak
load current plus the ripple current: Care should be taken when reviewing the different saturation current ratings
that are specified by different manufacturers. Saturation current ratings are typically specified at 25°C, so ratings at
maximum ambient temperature of the application should be requested from the manufacturer.
��������(������������) = ��������������������(������������) + ����������������������������
= ��������������������(������������) +
���� × (������������ − ����������������)
2 × ���� × ��������
���� =
����������������
������������
, �������� = 1.5������������, ���� = 2.2��������
where
•
IL(MAX)
: Max inductor Current
•
ILOAD(MAX)
: Max load current
•
IRIPPLE:
Peak-to-Peak inductor current
•
D
: Estimated duty factor
•
VIN
: Input voltage
•
VOUT
: Output voltage
•
FS
: Switching frequency, Hertz
Recommended Method for BUCK Inductor Selection
The best way to guarantee the inductor does not saturate is to choose an inductor that has saturation current rating
greater than the maximum device current limit, as specified in the Electrical Characteristics. In this case the device
will prevent inductor saturation by going into current limit before the saturation level is reached.
Alternate Method for BUCK Inductor Selection
If the recommended approach cannot be used care must be taken to guarantee that the saturation current is greater
than the peak inductor current:
���������������� > ������������������������
������������������������ = ���������������������������� +
����������������������������
2
HM5213



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com