Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ASM3P2508A Datasheet(PDF) 3 Page - Alliance Semiconductor Corporation

Part # ASM3P2508A
Description  Peak EMI Reducing Solution
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

ASM3P2508A Datasheet(HTML) 3 Page - Alliance Semiconductor Corporation

  ASM3P2508A Datasheet HTML 1Page - Alliance Semiconductor Corporation ASM3P2508A Datasheet HTML 2Page - Alliance Semiconductor Corporation ASM3P2508A Datasheet HTML 3Page - Alliance Semiconductor Corporation ASM3P2508A Datasheet HTML 4Page - Alliance Semiconductor Corporation ASM3P2508A Datasheet HTML 5Page - Alliance Semiconductor Corporation ASM3P2508A Datasheet HTML 6Page - Alliance Semiconductor Corporation ASM3P2508A Datasheet HTML 7Page - Alliance Semiconductor Corporation ASM3P2508A Datasheet HTML 8Page - Alliance Semiconductor Corporation ASM3P2508A Datasheet HTML 9Page - Alliance Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
Peak EMI Reducing Solution
3 of 11
rev 1.3
February 2005
ASM3P2508A
Absolute Maximum Ratings
Symbol
Parameter
Rating
Unit
VDD, VIN
Voltage on any pin with respect to Ground
-0.5 to +7.0
V
TSTG
Storage temperature
-65 to +125
°C
TA
Operating temperature
0 to 70
°C
Ts
Max. Soldering Temperature (10 sec)
260
°C
TJ
Junction Temperature
150
°C
TDV
Static Discharge Voltage
(As per JEDEC STD 22- A114-B)
2
KV
Note: These are stress ratings only and are not implied for functional use. Exposure to absolute maximum ratings for prolonged periods of time may affect
device reliability.
Operating Conditions
Parameter
Symbol
Condition /
Description
Min
Typ
Max
Unit
Supply Voltage
VDD
3.3V ± 10%
3
3.3
3.6
V
Ambient Operating
Temperature Range
TA
-10
+70
°C
Crystal Resonator
Frequency
FXIN
14.31818
MHz
Serial Data Transfer
Rate
Standard Mode
10
100
Kb/s
Output Driver Load
Capacitance
CL
15
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com