Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ASM3P2508A Datasheet(PDF) 7 Page - Alliance Semiconductor Corporation

Part # ASM3P2508A
Description  Peak EMI Reducing Solution
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

ASM3P2508A Datasheet(HTML) 7 Page - Alliance Semiconductor Corporation

Back Button ASM3P2508A Datasheet HTML 3Page - Alliance Semiconductor Corporation ASM3P2508A Datasheet HTML 4Page - Alliance Semiconductor Corporation ASM3P2508A Datasheet HTML 5Page - Alliance Semiconductor Corporation ASM3P2508A Datasheet HTML 6Page - Alliance Semiconductor Corporation ASM3P2508A Datasheet HTML 7Page - Alliance Semiconductor Corporation ASM3P2508A Datasheet HTML 8Page - Alliance Semiconductor Corporation ASM3P2508A Datasheet HTML 9Page - Alliance Semiconductor Corporation ASM3P2508A Datasheet HTML 10Page - Alliance Semiconductor Corporation ASM3P2508A Datasheet HTML 11Page - Alliance Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
Peak EMI Reducing Solution
7 of 11
rev 1.3
February 2005
ASM3P2508A
I2C Serial Interface Information
The information in this section assumes familiarity with I2C programming.
How to program ASM3P2508A through I2C:
•
Master (host) sends a start bit.
•
Master (host) sends the write address D4 (H).
•
ASM3P2508A device will acknowledge.
•
Master (host) sends the beginning byte location
(N = 0, 1).
•
ASM3P2508A device will acknowledge.
•
Master (host) sends a byte count (X = 1,2)
•
ASM3P2508A device will acknowledge.
•
Master (host) starts sending byte N through byte
(N+X – 1)
•
ASM3P2508A device will acknowledge each byte one
at a time.
•
Master (host) sends a Stop bit.
Controller (Host)
ASM3P2508A
(slave/receiver)
Start Bit
Slave Address D4(H)
ACK
Beginning byte location (=N)
ACK
Byte count (=X)
ACK
Beginning byte (Byte N)
ACK
Next Byte (Byte N+1)
ACK
-------
----
Last Byte (Byte N+X-1)
ACK
Stop Bit
How to Read from ASM3P2508A through I2C:
•
Master (host) will send start bit.
•
Master (host) sends the write address D4 (H).
•
ASM3P2508A device will acknowledge.
•
Master (host) sends the beginning byte location
(N = 0, 1).
•
ASM3P2508A device will acknowledge.
•
Master (host) will send a separate start bit.
•
Master (host) sends the read address D5 (H).
•
ASM3P2508A device will acknowledge.
•
ASM3P2508A device will send the byte count
(X = 1, 2).
•
Master (host) acknowledges.
•
ASM3P2508A device sends byte N through byte
(N+X – 1).
•
Master (host) will need to acknowledge each byte.
•
Master (host) will send a stop bit.
Controller (Host)
ASM3P2508A
(slave/receiver)
Start Bit
Slave Address D4(H)
ACK
Beginning Byte = N
ACK
Repeat start
Slave address D5(H)
ACK
Byte Count (= X)
ACK
Beginning byte N
ACK
Next Byte N+1
ACK
----
-------
Last Byte (Byte N+X-1)
Not Acknowledge
Stop Bit



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com