Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ASM3P2508A Datasheet(PDF) 4 Page - Alliance Semiconductor Corporation

Part # ASM3P2508A
Description  Peak EMI Reducing Solution
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

ASM3P2508A Datasheet(HTML) 4 Page - Alliance Semiconductor Corporation

  ASM3P2508A Datasheet HTML 1Page - Alliance Semiconductor Corporation ASM3P2508A Datasheet HTML 2Page - Alliance Semiconductor Corporation ASM3P2508A Datasheet HTML 3Page - Alliance Semiconductor Corporation ASM3P2508A Datasheet HTML 4Page - Alliance Semiconductor Corporation ASM3P2508A Datasheet HTML 5Page - Alliance Semiconductor Corporation ASM3P2508A Datasheet HTML 6Page - Alliance Semiconductor Corporation ASM3P2508A Datasheet HTML 7Page - Alliance Semiconductor Corporation ASM3P2508A Datasheet HTML 8Page - Alliance Semiconductor Corporation ASM3P2508A Datasheet HTML 9Page - Alliance Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
Peak EMI Reducing Solution
4 of 11
rev 1.3
February 2005
ASM3P2508A
DC Electrical Characteristics
(Test Condition : All the parameters are measured at room temperature (25°C) , unless otherwise stated)
Parameter
Symbol
Conditions / Description
Min
Typ
Max
Unit
Overall
Supply Current,
Dynamic
Icc
VDD =3.3V, FCLK =14.31818MHz,
CL=15pF
40
49
60
mA
Supply Current,
Static
IDD
VDD = 3.3V, Software Power Down*
27
35
43
mA
All input pins
High-Level Input
Voltage
VIH
VDD=3.3V
2.0
-
VDD+0.3
V
Low-Level Input
Voltage
VIL
VDD=3.3V
VSS-0.3
-
0.8
V
High-Level Input
Current
IIH
-1
-
1
µ A
Low-Level Input
Current (pull-up)
IIL
-20
-36
-80
µ A
Clock Outputs (FOUT1CLK, FOUT2CLK)
High-Level Output
Voltage
VOH
VDD= 3.3V, IOH = 20mA
2.5
-
3.3
V
Low-Level Output
Voltage
VOL
VDD= 3.3V, IOL = 20mA
0
-
0.4
V
ZOH
VO=0.5VDD; output driving high
-
29
-
Output Impedance
ZOL
Vo=0.5VDD; output driving low
-
27
-
* FOUT1CLK (120MHz) is functional and not loaded



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com