Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EKTF6708 Datasheet(PDF) 157 Page - ELAN Microelectronics Corp

Part # EKTF6708
Description  8-Bit Microcontroller
PDF  158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EKTF6708 Datasheet(HTML) 157 Page - ELAN Microelectronics Corp

Back Button EKTF6708 Datasheet HTML 150Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 151Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 152Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 153Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 154Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 155Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 156Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 157Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 158Page - ELAN Microelectronics Corp  
Zoom Inzoom in Zoom Outzoom out
 157 / 158 page
background image
eKTF6708
8-Bit Microcontroller
IC Product Specification (V1.2) 03.12.2020
 147
(This specification is subject to change without prior notice)
D
Quality Assurance and Reliability
Test Category
Test Conditions
Remarks
Solderability
Solder temperature=245
5°C, for 5 seconds up to the
stopper using a rosin-type flux
–
Pre-condition
Step 1: TCT, 65°C (15 min)~150°C (15 min), 10 cycles
For SMD IC (such as
SOP, QFP, SOJ, etc)
Step 2: Bake at 125°C, TD (endurance)=24 hrs
Step 3: Soak at 30°C/60%,TD (endurance)=192 hrs
Step 4: IR flow 3 cycles
(Pkg thickness
 2.5 mm or
Pkg volume
 350 mm3 ----225  5°C)
(Pkg thickness
 2.5 mm or
Pkg volume
 350 mm3 ----240  5°C)
Temperature cycle test
-65°C (15mins)~150°C (15 min), 200 cycles
–
Pressure cooker test
TA =121°C, RH=100%, pressure=2 atm,
TD (endurance)= 96 hrs
–
High temperature /
High humidity test
TA=85°C, RH=85%,TD (endurance) = 168, 500 hrs
–
High-temperature
storage life
TA=150°C, TD (endurance) = 500, 1000 hrs
–
High-temperature
operating life
TA=125°C, VCC = Max. operating voltage,
TD (endurance) = 168, 500, 1000 hrs
–
Latch-up
TA=25°C, VCC = Max. operating voltage, 150mA/20V
–
ESD (HBM)
TA=25°C,
∣ ± 8KV∣
–
D.1 Address Trap Detect
An address trap detect is one of the MCU embedded fail-safe functions that detects MCU
malfunction caused by noise or the like. Whenever the MCU attempts to fetch an instruction from a
certain section of ROM, an internal recovery circuit is auto started. If a noise-caused address error is
detected, the MCU will repeat execution of the program until the noise is eliminated. The MCU will
then continue to execute the next program.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com