Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EKTF6708 Datasheet(PDF) 152 Page - ELAN Microelectronics Corp

Part # EKTF6708
Description  8-Bit Microcontroller
PDF  158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EKTF6708 Datasheet(HTML) 152 Page - ELAN Microelectronics Corp

Back Button EKTF6708 Datasheet HTML 148Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 149Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 150Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 151Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 152Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 153Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 154Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 155Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 156Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 152 / 158 page
background image
eKTF6708
8-Bit Microcontroller
142
IC Product Specification (V1.2) 03.12.2020
(This specification is subject to change without prior notice)
APPENDIX
A
Package Type
MCU
Package Type
Pin Count
Package Size
eKTF6708SOP16A
SOP
16 pins
150 mil
eKTF6708QFN16
QFN
16 pins
3*3*0.8mm
These are Green products which do not contain hazardous substances and comply with
the third edition of Sony SS-00259 standard.
The Pb contents are less 100ppm and comply with Sony specifications.
Part No.
eKTF6708 S/J
Electroplate type
Pure Tin
Ingredient (%)
Sn: 100%
Melting point(°C)
232°C
Electrical resistivity
(µ
-cm)
11.4
Hardness (hv)
8~10
Elongation (%)
>50%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com